Electronic Components Datasheet Search
  English  ▼

X  

TC1920 Datasheet(PDF) 42 Page - Infineon Technologies AG

Part # TC1920
Description  32-Bit Single-Chip Microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1920 Datasheet(HTML) 42 Page - Infineon Technologies AG

Back Button TC1920 Datasheet HTML 38Page - Infineon Technologies AG TC1920 Datasheet HTML 39Page - Infineon Technologies AG TC1920 Datasheet HTML 40Page - Infineon Technologies AG TC1920 Datasheet HTML 41Page - Infineon Technologies AG TC1920 Datasheet HTML 42Page - Infineon Technologies AG TC1920 Datasheet HTML 43Page - Infineon Technologies AG TC1920 Datasheet HTML 44Page - Infineon Technologies AG TC1920 Datasheet HTML 45Page - Infineon Technologies AG TC1920 Datasheet HTML 46Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 78 page
background image
TC1920
Data Sheet
38
V 1.3, 2003-10
Preliminary
Power-Up Sequence
During Power-Up reset pin PORST has to be held active until both power supply
voltages have reached at least their minimum values.
During the Power-Up time (rising of the supply voltages from 0 to their regular operating
values) it has to be ensured, that the core VDD power supply reaches its operating value
first, and then the GPIO VDDP power supply. During the rising time of the core voltage it
must be ensured that 0< VDD-VDDP <0.5 V.
During power-down, the core and GPIO power supplies VDD and VDDP respectively,
have to be switched off until all capacitances are discharged to zero, before the next
power-up.
Note: The states of the pins are undefined when only the port voltage VDDP is on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com