Electronic Components Datasheet Search
  English  ▼

X  

TC1920 Datasheet(PDF) 49 Page - Infineon Technologies AG

Part # TC1920
Description  32-Bit Single-Chip Microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1920 Datasheet(HTML) 49 Page - Infineon Technologies AG

Back Button TC1920 Datasheet HTML 45Page - Infineon Technologies AG TC1920 Datasheet HTML 46Page - Infineon Technologies AG TC1920 Datasheet HTML 47Page - Infineon Technologies AG TC1920 Datasheet HTML 48Page - Infineon Technologies AG TC1920 Datasheet HTML 49Page - Infineon Technologies AG TC1920 Datasheet HTML 50Page - Infineon Technologies AG TC1920 Datasheet HTML 51Page - Infineon Technologies AG TC1920 Datasheet HTML 52Page - Infineon Technologies AG TC1920 Datasheet HTML 53Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
TC1920
Preliminary
Data Sheet
45
V 1.3, 2003-10
IIC Pins
Each IIC Pin is an open drain output pin with different characteristics than other pins. The
related characteristics are given in the following table
Note: No 5 V IIC interface is supported with these pads. Only voltages lower than 3.60
V must be applied to these pads.
Note: IIC pins have no Pull-Up and Pull-Down devices.
Parameter
Symbol
Limit values
Unit
Test
Conditions
min.
max.
Output low voltage
VOL
CC
-0.4
0.6
V3 mA
6 mA
Input high voltage1)
VIH
SR
0.7VDDP
3.6
V
-
Input low voltage1)
VIL
SR
-0.3
0.3VDDP
V-
Input leakage current
IOZ2
CC
-
+ - 500
nA
Pin capacitance1)
1)
Not subject to production test, verified by design/characterization.
CIO
CC
-
10
pF
f=1MHz@
TA=25
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com