Electronic Components Datasheet Search
  English  ▼

X  

TC1920 Datasheet(PDF) 34 Page - Infineon Technologies AG

Part # TC1920
Description  32-Bit Single-Chip Microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1920 Datasheet(HTML) 34 Page - Infineon Technologies AG

Back Button TC1920 Datasheet HTML 30Page - Infineon Technologies AG TC1920 Datasheet HTML 31Page - Infineon Technologies AG TC1920 Datasheet HTML 32Page - Infineon Technologies AG TC1920 Datasheet HTML 33Page - Infineon Technologies AG TC1920 Datasheet HTML 34Page - Infineon Technologies AG TC1920 Datasheet HTML 35Page - Infineon Technologies AG TC1920 Datasheet HTML 36Page - Infineon Technologies AG TC1920 Datasheet HTML 37Page - Infineon Technologies AG TC1920 Datasheet HTML 38Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 78 page
background image
TC1920
Data Sheet
30
V 1.3, 2003-10
Preliminary
The CAN module contains two Full-CAN nodes operating independently or exchanging
data and remote frames via a gateway function. Transmission and reception of CAN
frames is handled in accordance to CAN specification V2.0 part B (active). Each of the
two Full-CAN nodes can receive and transmit standard frames with 11-bit identifiers as
well as extended frames with 29-bit identifiers.
Both CAN nodes share the TwinCAN module’s resources in order to optimize the CAN
bus traffic handling and to minimize the CPU load. The flexible combination of Full-
functionality and FIFO architecture reduces the efforts to fulfill the real-time requirements
of complex embedded control applications. Improved CAN bus monitoring functionality
as well as the increased number of message objects permit precise and comfortable
CAN bus traffic handling.
Depending on the application, each of the 32 message objects can be individually
assigned to one of the two CAN nodes. Gateway functionality allows automatic data
exchange between two separate CAN bus systems, which reduces CPU load and
improves the real time behavior of the entire system.
The bit timings for both CAN nodes are derived from the peripheral clock (fCAN) and are
programmable up to a data rate of 1 MBaud. A pair of receive and transmit pins connect
each CAN node to a bus transceiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com