Electronic Components Datasheet Search
  English  ▼

X  

TC1920 Datasheet(PDF) 40 Page - Infineon Technologies AG

Part # TC1920
Description  32-Bit Single-Chip Microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1920 Datasheet(HTML) 40 Page - Infineon Technologies AG

Back Button TC1920 Datasheet HTML 36Page - Infineon Technologies AG TC1920 Datasheet HTML 37Page - Infineon Technologies AG TC1920 Datasheet HTML 38Page - Infineon Technologies AG TC1920 Datasheet HTML 39Page - Infineon Technologies AG TC1920 Datasheet HTML 40Page - Infineon Technologies AG TC1920 Datasheet HTML 41Page - Infineon Technologies AG TC1920 Datasheet HTML 42Page - Infineon Technologies AG TC1920 Datasheet HTML 43Page - Infineon Technologies AG TC1920 Datasheet HTML 44Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 78 page
background image
TC1920
Data Sheet
36
V 1.3, 2003-10
Preliminary
Codec Interface
The speech A/D and D/A converters (called codec) is designed for telephone and
speech recognition quality. They can be used for microphone / earpiece applications.
The TC1920 configuration implements a dual channel speech codec connected to the
FPI bus.
Figure 14
General Codec Overview
General Purpose I/Os (GPIO)
• Push/pull output drivers
• 3.3 Volt operation for GPIO
• Programmable pull-up/-down devices at all pins
• Optional Open Drain Output Mode
Clo c k
Co n tro l
Add res s
De co d e r
In te rru p t
Co n tro l
SR 1
SR 2
f
pe r
SR 3
SR 0
CO D E C
M o dule
Kern e l
V
DD
CO D 0
clock disab le
exte rnal clock in p u t
AI0 +
AI0 -
AO0 +
AO0 -
CO DE C _ DIS
C EXT
SR 4
SR 5
V
SS
CO D0
V
DD
CO D 1
V
SS
CO D 1
V
RE F
CO D
V
GN D
CO D
c h 0 no n-in v . in p u t
c h 0 in v. in p u t
c h 0 no n-in v . o u tpu t
ch0 in v. ou tp ut
AI1 +
AI1 -
AO1 +
AO1 -
c h 1 no n-in v . in p u t
c h 1 in v. in p u t
c h 1 no n-in v . o u tpu t
ch1 in v. ou tp ut
MU T E 0
MU T E 1
m u te ch ann el 0
m u te ch ann el 1
IIS
sig na ls
C o de c by p a s s
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com