Electronic Components Datasheet Search
  English  ▼

X  

TC1920 Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TC1920
Description  32-Bit Single-Chip Microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1920 Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TC1920 Datasheet HTML 14Page - Infineon Technologies AG TC1920 Datasheet HTML 15Page - Infineon Technologies AG TC1920 Datasheet HTML 16Page - Infineon Technologies AG TC1920 Datasheet HTML 17Page - Infineon Technologies AG TC1920 Datasheet HTML 18Page - Infineon Technologies AG TC1920 Datasheet HTML 19Page - Infineon Technologies AG TC1920 Datasheet HTML 20Page - Infineon Technologies AG TC1920 Datasheet HTML 21Page - Infineon Technologies AG TC1920 Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 78 page
background image
TC1920
Data Sheet
14
V 1.3, 2003-10
Preliminary
VDD
5)
-
Core Power Supply (1.8V)
VSS
6)
-
Ground for Core and Ports
1)
The pin number describes the position of a signal on the silicon. The mapping of the pin number to the
corresponding BGA ball is done according to the used package.
2)
The notification ’,u’ after the input/output type defines an internal pull-up resistor. An internal pull-down resistor
is indicated by ’,d’. For the lines AD[31:0] and A[23:0], the type of the pull device can be selected ’s’.
3)
Output driver comparable to GPIO Medium Driver/Sharp Edge.
4)
The BGA balls for the 3.3V port power supply are: G11, G12, G7, G8, H12, H7, L12, L7, M11, M12, M7, M8.
5)
The BGA balls for the 1.8V core power supply are:
A16, B16, B3, C4, D5, J4, L4, R4.
6)
The BGA balls for the digital ground are:
A1, B2, C3, D4, D6, G10, G9, H10, H11, H8, H9, J10, J11, J12, J7, J8, J9, K10, K11, K12, K7, K8, K9, L10,
L11, L8, L9, M10, M9.
Table 1
Pin Definitions and Functions
Symbol
Pad1)
BGA
BALL
In/
Out2)
Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com