Electronic Components Datasheet Search
  English  ▼

X  

TC1920 Datasheet(PDF) 55 Page - Infineon Technologies AG

Part # TC1920
Description  32-Bit Single-Chip Microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1920 Datasheet(HTML) 55 Page - Infineon Technologies AG

Back Button TC1920 Datasheet HTML 51Page - Infineon Technologies AG TC1920 Datasheet HTML 52Page - Infineon Technologies AG TC1920 Datasheet HTML 53Page - Infineon Technologies AG TC1920 Datasheet HTML 54Page - Infineon Technologies AG TC1920 Datasheet HTML 55Page - Infineon Technologies AG TC1920 Datasheet HTML 56Page - Infineon Technologies AG TC1920 Datasheet HTML 57Page - Infineon Technologies AG TC1920 Datasheet HTML 58Page - Infineon Technologies AG TC1920 Datasheet HTML 59Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 78 page
background image
TC1920
Preliminary
Data Sheet
51
V 1.3, 2003-10
Power Supply Current
AC Characteristics
Operating Conditions apply.
Output Rise/Fall Times
GPIO pins
Rise/fall time measurements are made between 10% and 90%.
The following table is valid for the GPIO pins pad drivers. Output pad characteristics are
controllable via DRVCTRx registers.
Parameter
Symbol
Limit values
Unit
Test Conditions
typ. 1)
1)
Typical values are measured at 25°C, CPU clock at 100MHz and nominal supply voltage, i.e. 3.3V for VDDP
and 1.8V for VDD, VDDPLL, VDDOSC
max.
Active mode supply
current2) 3)
2)
PORST=VIH
3)
The typical power consumption values in active mode are measured while running a typical application pattern.
The power consumption of modules can increase or decrease using different application programs. The PLL
is bypassed and powered down during this measurement.
IDD
260
–
mA
Sum of all
IDD.
Idle mode supply current4)
4)
CPU is in idle state, input clock to all peripherals are enabled.
IID
170
–
mA
at 1.8V Core Supply
Deep sleep mode supply
current
IDDS
0.25
–
mA
at 1.8V Core Supply
Pad Modus
rise / fall time
Symbol
Limit values
Temp
Comp
Unit
Test
Conditions
min.
max.
Strong driver
• sharp edge
• medium edge1)
• soft edge1)
1)
Not subject to production test, verified by design/characterization.
SF
SM
SS
-
-
-
3
6
12
yes
yes
yes
ns
ns
ns
@50pF
@50pF
@50pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com