Electronic Components Datasheet Search
  English  ▼

X  

TC1920 Datasheet(PDF) 62 Page - Infineon Technologies AG

Part # TC1920
Description  32-Bit Single-Chip Microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1920 Datasheet(HTML) 62 Page - Infineon Technologies AG

Back Button TC1920 Datasheet HTML 58Page - Infineon Technologies AG TC1920 Datasheet HTML 59Page - Infineon Technologies AG TC1920 Datasheet HTML 60Page - Infineon Technologies AG TC1920 Datasheet HTML 61Page - Infineon Technologies AG TC1920 Datasheet HTML 62Page - Infineon Technologies AG TC1920 Datasheet HTML 63Page - Infineon Technologies AG TC1920 Datasheet HTML 64Page - Infineon Technologies AG TC1920 Datasheet HTML 65Page - Infineon Technologies AG TC1920 Datasheet HTML 66Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 78 page
background image
TC1920
Data Sheet
58
V 1.3, 2003-10
Preliminary
Timing for SDRAM Access Signals
(Operating Conditions apply;
CL = 50 pF)
Parameter
Symbol
Limits
Unit
min.
max.
CKE high from EBUCLK
t1
CC -
7.0
ns
CKE low from EBUCLK
t2
CC 2.0
-
ns
A(23:0) output valid from EBUCLK
t3
CC -
7.0
ns
A(23:0) output hold from EBUCLK
t4
CC 2.0
-
ns
CS(6:0) low from EBUCLK
t5
CC -
7.0
ns
CS(6:0) high from EBUCLK
t6
CC 2.0
-
ns
RAS low from EBUCLK
t7
CC -
7.0
ns
RAS high from EBUCLK
t8
CC 2.0
-
ns
CAS low from EBUCLK
t9
CC -
7.0
ns
CAS high from EBUCLK
t10 CC 2.0
-
ns
RD/WR low from EBUCLK
t11 CC -
7.0
ns
RD/WR high from EBUCLK
t12 CC 2.0
-
ns
BC(3:0) low from EBUCLK
t13 CC -
7.0
ns
BC(3:0) high from EBUCLK
t14 CC 2.0
-
ns
AD(31:0) output valid from EBUCLK
t15 CC -
7.7
ns
AD(31:0) output hold from EBUCLK
t16 CC 2.0
-
ns
AD(31:0) input setup to EBUCLK
t17 SR 2.0
-
ns
AD(31:0) input hold from EBUCLK
t18 SR 4.0
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com