Electronic Components Datasheet Search
  English  ▼

X  

TC1920 Datasheet(PDF) 59 Page - Infineon Technologies AG

Part # TC1920
Description  32-Bit Single-Chip Microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1920 Datasheet(HTML) 59 Page - Infineon Technologies AG

Back Button TC1920 Datasheet HTML 55Page - Infineon Technologies AG TC1920 Datasheet HTML 56Page - Infineon Technologies AG TC1920 Datasheet HTML 57Page - Infineon Technologies AG TC1920 Datasheet HTML 58Page - Infineon Technologies AG TC1920 Datasheet HTML 59Page - Infineon Technologies AG TC1920 Datasheet HTML 60Page - Infineon Technologies AG TC1920 Datasheet HTML 61Page - Infineon Technologies AG TC1920 Datasheet HTML 62Page - Infineon Technologies AG TC1920 Datasheet HTML 63Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 78 page
background image
TC1920
Preliminary
Data Sheet
55
V 1.3, 2003-10
PLL Parameters
Note: When TC1920 starts-up with the PLL not bypassed, first user instructions are
executed with the frequency defined by the VCO free-running frequency
(
fPLLBASE) and by the reset value of the PLL_CLC register (the K-divider and
VCOSEL bitfields). It is software responsibility to initialize its own appropriate
values in the bitfields in this register, before giving the command for the VCO to
lock to the input frequency. For more information, see the Users Manual, System
Units, System Control Unit chapter.
Parameter
Symbol
Limit Values1)
1)
Not subject to production test, verified by design/characterization.
Unit
min.
max.
Accumulated jitter
DN
see Figure 21
–
VCO frequency range
fVCO
100
1502)
2)
@ vcosel = ’00’
MHz
150
2003)
3)
@ vcosel = ’01’
MHz
200
2504)
4)
@ vcosel = ’10’
MHz
250
3005)
5)
@ vcosel = ’11’
MHz
PLL base frequency
fPLLBASE
20
802)
MHz
20
1303)
MHz
20
1804)
MHz
20
2305)
MHz
PLL lock-in time
tL
–
200
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com