Electronic Components Datasheet Search
  English  ▼

X  

TC1920 Datasheet(PDF) 54 Page - Infineon Technologies AG

Part # TC1920
Description  32-Bit Single-Chip Microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1920 Datasheet(HTML) 54 Page - Infineon Technologies AG

Back Button TC1920 Datasheet HTML 50Page - Infineon Technologies AG TC1920 Datasheet HTML 51Page - Infineon Technologies AG TC1920 Datasheet HTML 52Page - Infineon Technologies AG TC1920 Datasheet HTML 53Page - Infineon Technologies AG TC1920 Datasheet HTML 54Page - Infineon Technologies AG TC1920 Datasheet HTML 55Page - Infineon Technologies AG TC1920 Datasheet HTML 56Page - Infineon Technologies AG TC1920 Datasheet HTML 57Page - Infineon Technologies AG TC1920 Datasheet HTML 58Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 78 page
background image
TC1920
Data Sheet
50
V 1.3, 2003-10
Preliminary
Codec ADC and DAC path characteristics
Note: Numbers without units in the test conditions column are relative frequency values
to the chosen sampling frequency. e.g. 0.425 equals 3.4 kHz @ 8 kHz sampling
frequency.
Parameters
min.
typ.
max.
Unit
Test conditions1)
1)
Values given in this table are valid for all sampling frequencies.
Attenuation distortion
(ref. freq. 1014 Hz)
(ref. level 0dBm0)2)
2) 0dBm0 is equivalent to -12dBm is equal to 194.7 mV
RMS.
0
-0.25
-0.25
-0.25
0
0.25
0.45
dB
dB
dB
dB
dB
< 0.025
0.025-0.0375
0.0375-0.3
0.3-0.425
> 0.425
Signal to total distor-
tion
-55
-45
dB
at 0dBm0
Gain tracking
(ref. freq. 1014 Hz)
(ref. level 0dBm0)2)
-0.3
-0.6
-1.6
0.3
0.6
1.6
dB
dB
dB
+3 to -40 dBm0
-40 to -50 dBm0
-50 to -55 dBm0
Idle channel noise
-80
-75
dBm
0
receive &transmit
Cross talk
-80
-75
dB
Harmonic distortion
-60
-50
dB
at 0dBm0
Gain
(ref. freq. 1014 Hz)
(ref. level 0dBm0)2)
-0.8
0
0.8
dB
receive &transmit
Power supply
rejection ratio (PSRR)
--60
-40
-35
-35
dB
dB
Receive (0.0375-0.425)3)
Transmit (0.0375-0.425)3)
3)
Supply ripple 70 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com