Electronic Components Datasheet Search
  English  ▼

X  

TC1920 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TC1920
Description  32-Bit Single-Chip Microcontroller
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1920 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TC1920 Datasheet HTML 2Page - Infineon Technologies AG TC1920 Datasheet HTML 3Page - Infineon Technologies AG TC1920 Datasheet HTML 4Page - Infineon Technologies AG TC1920 Datasheet HTML 5Page - Infineon Technologies AG TC1920 Datasheet HTML 6Page - Infineon Technologies AG TC1920 Datasheet HTML 7Page - Infineon Technologies AG TC1920 Datasheet HTML 8Page - Infineon Technologies AG TC1920 Datasheet HTML 9Page - Infineon Technologies AG TC1920 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 78 page
background image
TC1920
Data Sheet
2
V 1.3, 2003-10
Preliminary
– Watchdog timer (WDT)
• Clock Generation Unit with PLL
• Debug Support:
– Debug Interface (OCDS level 2) with Trace Port
• Power saving features
• Dual voltage supply (1.8V core, 3.3V I/O)
• -40°C to +85°C temperature range
• LBGA-260 package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com