Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 38 Page - Analog Devices

Part # AD9680
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9680 Datasheet HTML 34Page - Analog Devices AD9680 Datasheet HTML 35Page - Analog Devices AD9680 Datasheet HTML 36Page - Analog Devices AD9680 Datasheet HTML 37Page - Analog Devices AD9680 Datasheet HTML 38Page - Analog Devices AD9680 Datasheet HTML 39Page - Analog Devices AD9680 Datasheet HTML 40Page - Analog Devices AD9680 Datasheet HTML 41Page - Analog Devices AD9680 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 97 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
AD9680
Data Sheet
Rev. C | Page 38 of 97
40
45
50
55
60
65
70
75
80
ANALOG INPUT FREQUENCY (MHz)
1513.4
1607.4
1701.5
1795.6
1889.8
4.5×
5.5×
6.5×
7.5×
8.5×
Figure 123. Buffer Current Sweeps, AD9680-1000 (SFDR vs. IBUFF);
1500 MHz < fIN < 2000 MHz; Front-End Network Shown in Figure 115
In certain high frequency applications, the SFDR can be improved
by reducing the full-scale setting, as shown in Table 10. At high
frequencies, the performance of the ADC core is limited by jitter.
The SFDR can be improved by backing off of the full scale level.
Figure 124 shows the SFDR and SNR vs. full-scale input level at
different high frequencies for the AD9680-1000.
1.52GHz
1.65GHz
1.76GHz
1.9GHz
1.95GHz
55
60
65
70
75
80
55
60
65
70
75
80
–3
–2
–1
INPUT LEVEL (dBFS)
1.52GHz
1.65GHz
1.76GHz
1.9GHz
1.95GHz
Figure 124. SNR/SFDR vs. Analog Input Level vs. Input Frequencies, AD9680-1000
Figure 125, Figure 126, and Figure 127 show the SFDR vs.
analog input frequency for various buffer settings for the
AD9680-820. The recommended settings shown in Table 10
were used to take the data while changing the contents of
Register 0x018 only.
ANALOG INPUT FREQUENCY (MHz)
50
55
60
65
70
75
80
85
90
95
1.5×
2.0×
3.0×
4.5×
Figure 125. Buffer Current Sweeps, AD9680-820 (SFDR vs. IBUFF);
fIN < 500 MHz; Front-End Network Shown in Figure 115
ANALOG INPUT FREQUENCY (MHz)
50
55
60
65
70
75
80
85
3.5×
4.5×
5.5×
6.5×
7.5×
Figure 126. Buffer Current Sweeps, AD9680-820 (SFDR vs. IBUFF);
500 MHz < fIN < 1000 MHz; Front-End Network Shown in Figure 115
ANALOG INPUT FREQUENCY (MHz)
50
55
60
65
70
75
80
6.5×
7.5×
8.5×
Figure 127. Buffer Current Sweeps, AD9680-820 (SFDR vs. IBUFF);
1000 MHz < fIN < 2000 MHz; Front-End Network Shown in Figure 115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com