Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 91 Page - Analog Devices

Part # AD9680
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 91 Page - Analog Devices

Back Button AD9680 Datasheet HTML 87Page - Analog Devices AD9680 Datasheet HTML 88Page - Analog Devices AD9680 Datasheet HTML 89Page - Analog Devices AD9680 Datasheet HTML 90Page - Analog Devices AD9680 Datasheet HTML 91Page - Analog Devices AD9680 Datasheet HTML 92Page - Analog Devices AD9680 Datasheet HTML 93Page - Analog Devices AD9680 Datasheet HTML 94Page - Analog Devices AD9680 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 97 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
AD9680
Rev. C | Page 91 of 97
Reg
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x551
User Pattern
1 LSB
0
0
0
0
0
0
0
0
0x00
Used
with Reg.
0x550
and Reg.
0x573
0x552
User Pattern
1 MSB
0
0
0
0
0
0
0
0
0x00
Used
with Reg.
0x550
and Reg.
0x573
0x553
User Pattern
2 LSB
0
0
0
0
0
0
0
0
0x00
Used
with Reg.
0x550
and Reg.
0x573
0x554
User Pattern
2 MSB
0
0
0
0
0
0
0
0
0x00
Used
with Reg.
0x550
and Reg.
0x573
0x555
User Pattern
3 LSB
0
0
0
0
0
0
0
0
0x00
Used
with Reg.
0x550
and Reg.
0x573
0x556
User Pattern
3 MSB
0
0
0
0
0
0
0
0
0x00
Used
with Reg.
0x550
and Reg.
0x573
0x557
User Pattern
4 LSB
0
0
0
0
0
0
0
0
0x00
Used
with Reg.
0x550
and Reg.
0x573
0x558
User Pattern
4 MSB
0
0
0
0
0
0
0
0
0x00
Used
with Reg.
0x550
and Reg.
0x573
0x559
Output Mode
Control 1
0
Converter Control Bit 1 selection
000 = tie low (1’b0)
001 = overrange bit
011 = fast detect (FD) bit
101 = SYSREF±
Only used when CS (Register 0x58F)
= 2 or 3
0
Converter Control Bit 0 selection
000 = tie low (1’b0)
001 = overrange bit
011 = fast detect (FD) bit
101 = SYSREF±
Only used when CS (Register 0x58F) = 3
0x00
0x55A
Output Mode
Control 2
0
0
0
0
0
Converter Control Bit 2 selection
000 = tie low (1’b0)
001 = overrange bit
011 = fast detect (FD) bit
101 = SYSREF
Used when CS (Register 0x58F) = 1, 2, or 3
0x01
0x561
Output
mode
0
0
0
0
0
Sample
invert
0 = normal
1 = sample
invert
Data format select
00 = offset binary
01 = twos complement
0x01
0x562
Output
overrange
(OR) clear
Virtual
Converter 7
OR
0 = OR bit
enabled
1 = OR bit
cleared
Virtual
Converter
6 OR
0 = OR bit
enabled
1 = OR bit
cleared
Virtual
Converter 5
OR
0 = OR bit
enabled
1 = OR bit
cleared
Virtual
Converter 4
OR
0 = OR bit
enabled
1 = OR bit
cleared
Virtual
Converter
3 OR
0 = OR bit
enabled
1 = OR bit
cleared
Virtual
Converter 2
OR
0 = OR bit
enabled
1 = OR bit
cleared
Virtual
Converter 1
OR
0 = OR bit
enabled
1 = OR bit
cleared
Virtual
Converter
0 OR
0 = OR bit
enabled
1 = OR bit
cleared
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com