Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 73 Page - Analog Devices

Part # AD9680
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 73 Page - Analog Devices

Back Button AD9680 Datasheet HTML 69Page - Analog Devices AD9680 Datasheet HTML 70Page - Analog Devices AD9680 Datasheet HTML 71Page - Analog Devices AD9680 Datasheet HTML 72Page - Analog Devices AD9680 Datasheet HTML 73Page - Analog Devices AD9680 Datasheet HTML 74Page - Analog Devices AD9680 Datasheet HTML 75Page - Analog Devices AD9680 Datasheet HTML 76Page - Analog Devices AD9680 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 97 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
AD9680
Rev. C | Page 73 of 97
JESD204B supported output configurations (see Table 26):
•
N΄ = 16 bits
•
N = 14 bits
•
L = 1, M = 8, and F = 16, or L = 2, M = 8, and F = 8 (quick
configuration = 0x1C or 0x5B)
•
CS = 0 to 1
•
K = 32
•
Output serial line rate = 10 Gbps per lane (L = 1) or 5 Gbps
per lane (L = 2)
For L = 1, low line rate mode is disabled. For L = 2, low line
rate mode is enabled.
Example 2 shows the flexibility in the digital and lane
configurations for the AD9680. The sample rate is 1 GSPS;
however, the outputs are all combined in either one or two
lanes, depending on the I/O speed capability of the receiving
device.
DDC 0
I
CONVERTER 0
Q
CONVERTER 1
REAL/I
DDC 1
I
CONVERTER 2
Q
CONVERTER 3
REAL/Q
DDC 2
I
CONVERTER 4
Q
CONVERTER 5
REAL/I
DDC 3
I
CONVERTER 6
Q
CONVERTER 7
REAL/Q
I/Q
CROSSBAR
MUX
ADC A
SAMPLING
AT
fS
REAL
ADC B
SAMPLING
AT
fS
REAL
SYNCHRONIZATION
CONTROL CIRCUITS
SYSREF
L JESD204B
LANES UP TO
12.5Gbps
L
JESD204B
LANES
AT UP TO
12.5Gbps
Figure 170. Two ADC Plus Four DDC Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com