Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9680
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 1 Page - Analog Devices

  AD9680 Datasheet HTML 1Page - Analog Devices AD9680 Datasheet HTML 2Page - Analog Devices AD9680 Datasheet HTML 3Page - Analog Devices AD9680 Datasheet HTML 4Page - Analog Devices AD9680 Datasheet HTML 5Page - Analog Devices AD9680 Datasheet HTML 6Page - Analog Devices AD9680 Datasheet HTML 7Page - Analog Devices AD9680 Datasheet HTML 8Page - Analog Devices AD9680 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 97 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V,
Analog-to-Digital Converter
Data Sheet
AD9680
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113 ©2014
–2015 Analog Devices, Inc. All rights reserved.
FEATURES
JESD204B (Subclass 1) coded serial digital outputs
1.65 W total power per channel at 1 GSPS (default settings)
SFDR at 1 GSPS = 85 dBFS at 340 MHz, 80 dBFS at 1 GHz
SNR at 1 GSPS = 65.3 dBFS at 340 MHz (AIN = −1.0 dBFS),
60.5 dBFS at 1 GHz (AIN = −1.0 dBFS)
ENOB = 10.8 bits at 10 MHz
DNL = ±0.5 LSB
INL = ±2.5 LSB
Noise density = −154 dBFS/Hz at 1 GSPS
1.25 V, 2.5 V, and 3.3 V dc supply operation
No missing codes
Internal ADC voltage reference
Flexible input range: 1.46 V p-p to 1.94 V p-p
AD9680-1250: 1.58 V p-p nominal
AD9680-1000 and AD9680-820: 1.70 V p-p nominal
AD9680-500: 1.46 V p-p to 2.06 V p-p (2.06 V p-p nominal)
Programmable termination impedance
400 Ω, 200 Ω, 100 Ω, and 50 Ω differential
2 GHz usable analog input full power bandwidth
95 dB channel isolation/crosstalk
Amplitude detect bits for efficient AGC implementation
2 integrated wideband digital processors per channel
12-bit NCO, up to 4 half-band filters
Differential clock input
Integer clock divide by 1, 2, 4, or 8
Flexible JESD204B lane configurations
Small signal dither
APPLICATIONS
Communications
Diversity multiband, multimode digital receivers
3G/4G, TD-SCDMA, W-CDMA, GSM, LTE
General-purpose software radios
Ultrawideband satellite receivers
Instrumentation
Radars
Signals intelligence (SIGINT)
DOCSIS 3.0 CMTS upstream receive paths
HFC digital reverse path receivers
FUNCTIONAL BLOCK DIAGRAM
VIN+A
VIN–A
VIN+B
VIN–B
CLK+
CLK–
AD9680
SERDOUT0±
SERDOUT1±
SERDOUT2±
SERDOUT3±
÷2
÷4
SYSREF±
CLOCK
GENERATION
14
14
PDWN/
STBY
SYNCINB±
FD_A
FD_B
BUFFER
BUFFER
JESD204B
SUBCLASS 1
CONTROL
V_1P0
÷8
AGND
DRGND DGND
SDIO SCLK CSB
AVDD1
(1.25V)
AVDD2
(2.5V)
AVDD3
(3.3V)
AVDD1_SR
(1.25V)
DVDD
(1.25V)
DRVDD
(1.25V)
SPIVDD
(1.8V TO 3.3V)
4
FAST
DETECT
SIGNAL
MONITOR
SIGNAL
MONITOR
ADC
CORE
ADC
CORE
SPI CONTROL
DDC
DDC
CONTROL
REGISTERS
Figure 1.
PRODUCT HIGHLIGHTS
1. Wide full power bandwidth supports IF sampling of signals
up to 2 GHz.
2. Buffered inputs with programmable input termination eases
filter design and implementation.
3. Four integrated wideband decimation filters and numerically
controlled oscillator (NCO) blocks supporting multiband
receivers.
4. Flexible serial port interface (SPI) controls various product
features and functions to meet specific system requirements.
5. Programmable fast overrange detection.
6. 9 mm × 9 mm, 64-lead LFCSP.


Similar Part No. - AD9680

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9680 AD-AD9680 Datasheet
3Mb / 99P
Dual Analog-to-Digital Converter
Rev. C
AD9680-1000EBZ AD-AD9680-1000EBZ Datasheet
3Mb / 99P
Dual Analog-to-Digital Converter
Rev. C
AD9680-1250EBZ AD-AD9680-1250EBZ Datasheet
3Mb / 99P
Dual Analog-to-Digital Converter
Rev. C
AD9680-500EBZ AD-AD9680-500EBZ Datasheet
3Mb / 99P
Dual Analog-to-Digital Converter
Rev. C
AD9680-820EBZ AD-AD9680-820EBZ Datasheet
3Mb / 99P
Dual Analog-to-Digital Converter
Rev. C
More results

Similar Description - AD9680

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9739A AD-AD9739A Datasheet
1Mb / 44P
14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. 0
logo
Texas Instruments
DAC3482IRKD25 TI1-DAC3482IRKD25 Datasheet
1Mb / 87P
Dual-Channel, 16-BIT, 1.25 GSPS Digital-to-Analog Converter (DAC)
logo
Analog Devices
AD9739BBCZ AD-AD9739BBCZ Datasheet
856Kb / 48P
14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
REV. B
AD9625 AD-AD9625 Datasheet
1Mb / 56P
12-Bit, 2.0 GSPS, 1.3 V/2.5 V Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
DAC3482 TI1-DAC3482_15 Datasheet
2Mb / 106P
Dual-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
logo
Analog Devices
AD9684 AD-AD9684 Datasheet
1Mb / 64P
Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
Rev. 0
AD9691 AD-AD9691 Datasheet
1Mb / 72P
14-Bit, 1.25 GSPS JESD204B, Dual Analog-to-Digital Converter
Rev. 0
logo
Texas Instruments
ADC32RF44 TI1-ADC32RF44 Datasheet
7Mb / 134P
Dual-Channel, 14-Bit, 2.6-GSPS, Analog-to-Digital Converter
logo
Analog Devices
AD9208 AD-AD9208 Datasheet
1Mb / 137P
14-Bit, 3 GSPS, JESD204B, Dual Analog-to-Digital Converter
Rev. 0
AD9739 AD-AD9739 Datasheet
1Mb / 50P
14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
1/2012-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com