Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 48 Page - Analog Devices

Part # AD9680
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9680 Datasheet HTML 44Page - Analog Devices AD9680 Datasheet HTML 45Page - Analog Devices AD9680 Datasheet HTML 46Page - Analog Devices AD9680 Datasheet HTML 47Page - Analog Devices AD9680 Datasheet HTML 48Page - Analog Devices AD9680 Datasheet HTML 49Page - Analog Devices AD9680 Datasheet HTML 50Page - Analog Devices AD9680 Datasheet HTML 51Page - Analog Devices AD9680 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 97 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
AD9680
Data Sheet
Rev. C | Page 48 of 97
DIGITAL DOWNCONVERTER (DDC)
The AD9680 includes four digital downconverters (DDC 0 to
DDC 3) that provide filtering and reduce the output data rate.
This digital processing section includes an NCO, a half-band
decimating filter, an FIR filter, a gain stage, and a complex-real
conversion stage. Each of these processing blocks has control lines
that allow it to be independently enabled and disabled to provide
the desired processing function. The digital downconverter can
be configured to output either real data or complex output data.
The DDCs output a 16-bit stream. To enable this operation, the
converter number of bits, N, is set to a default value of 16, even
though the analog core only outputs 14 bits. In full bandwidth
operation, the ADC outputs are the 14-bit word followed by
two zeros, unless the tail bits are enabled.
DDC I/Q INPUT SELECTION
The AD9680 has two ADC channels and four DDC channels.
Each DDC channel has two input ports that can be paired to
support both real or complex inputs through the I/Q crossbar
mux. For real signals, both DDC input ports must select the
same ADC channel (for example, DDC Input Port I = ADC
Channel A, and Input Port Q = ADC Channel A). For complex
signals, each DDC input port must select different ADC
channels (for example, DDC Input Port I = ADC Channel A,
and Input Port Q = ADC Channel B).
The inputs to each DDC are controlled by the DDC input
selection registers (Register 0x311, Register 0x331, Register 0x351,
and Register 0x371). See Table 36 for information on how to
configure the DDCs.
DDC I/Q OUTPUT SELECTION
Each DDC channel has two output ports that can be paired to
support both real or complex outputs. For real output signals,
only the DDC Output Port I is used (the DDC Output Port Q is
invalid). For complex I/Q output signals, both DDC Output
Port I and DDC Output Port Q are used.
The I/Q outputs to each DDC channel are controlled by the
DDC complex to real enable bit (Bit 3) in the DDC control
registers (Register 0x310, Register 0x330, Register 0x350, and
Register 0x370).
The Chip Q ignore bit (Bit 5) in the chip application mode
register (Register 0x200) controls the chip output muxing of all
the DDC channels. When all DDC channels use real outputs,
this bit must be set high to ignore all DDC Q output ports.
When any of the DDC channels are set to use complex I/Q
outputs, the user must clear this bit to use both DDC Output
Port I and DDC Output Port Q. For more information, see
Figure 154.
DDC GENERAL DESCRIPTION
The four DDC blocks are used to extract a portion of the full
digital spectrum captured by the ADC(s). They are intended for
IF sampling or oversampled baseband radios requiring wide
bandwidth input signals.
Each DDC block contains the following signal processing stages.
Frequency Translation Stage (Optional)
The frequency translation stage consists of a 12-bit complex NCO
and quadrature mixers that can be used for frequency translation
of both real or complex input signals. This stage shifts a portion
of the available digital spectrum down to baseband.
Filtering Stage
After shifting down to baseband, the filtering stage decimates
the frequency spectrum using a chain of up to four half-band
low-pass filters for rate conversion. The decimation process
lowers the output data rate, which in turn reduces the output
interface rate.
Gain Stage (Optional)
Due to losses associated with mixing a real input signal down to
baseband, the gain stage compensates by adding an additional
0 dB or 6 dB of gain.
Complex to Real Conversion Stage (Optional)
When real outputs are necessary, the complex to real conversion
stage converts the complex outputs back to real by performing
an fS/4 mixing operation plus a filter to remove the complex
component of the signal.
Figure 146 shows the detailed block diagram of the DDCs
implemented in the AD9680.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com