Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9680
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 4 Page - Analog Devices

  AD9680 Datasheet HTML 1Page - Analog Devices AD9680 Datasheet HTML 2Page - Analog Devices AD9680 Datasheet HTML 3Page - Analog Devices AD9680 Datasheet HTML 4Page - Analog Devices AD9680 Datasheet HTML 5Page - Analog Devices AD9680 Datasheet HTML 6Page - Analog Devices AD9680 Datasheet HTML 7Page - Analog Devices AD9680 Datasheet HTML 8Page - Analog Devices AD9680 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 97 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
AD9680
Data Sheet
Rev. C | Page 4 of 97
GENERAL DESCRIPTION
The AD9680 is a dual, 14-bit, 1.25 GSPS/1 GSPS/820 MSPS/
500 MSPS analog-to-digital converter (ADC). The device has
an on-chip buffer and sample-and-hold circuit designed for low
power, small size, and ease of use. This device is designed for
sampling wide bandwidth analog signals of up to 2 GHz. The
AD9680 is optimized for wide input bandwidth, high sampling
rate, excellent linearity, and low power in a small package.
The dual ADC cores feature a multistage, differential pipelined
architecture with integrated output error correction logic. Each
ADC features wide bandwidth inputs supporting a variety of
user-selectable input ranges. An integrated voltage reference
eases design considerations.
The analog input and clock signals are differential inputs. Each
ADC data output is internally connected to two digital down-
converters (DDCs). Each DDC consists of up to five cascaded
signal processing stages: a 12-bit frequency translator (NCO),
and four half-band decimation filters. The DDCs are bypassed
by default.
In addition to the DDC blocks, the AD9680 has several
functions that simplify the automatic gain control (AGC)
function in the communications receiver. The programmable
threshold detector allows monitoring of the incoming signal
power using the fast detect output bits of the ADC. If the input
signal level exceeds the programmable threshold, the fast detect
indicator goes high. Because this threshold indicator has low
latency, the user can quickly turn down the system gain to avoid
an overrange condition at the ADC input.
Users can configure the Subclass 1 JESD204B-based high speed
serialized output in a variety of one-, two-, or four-lane
configurations, depending on the DDC configuration and the
acceptable lane rate of the receiving logic device. Multiple device
synchronization is supported through the SYSREF± and
SYNCINB± input pins.
The AD9680 has flexible power-down options that allow
significant power savings when desired. All of these features can
be programmed using a 1.8 V to 3.3 V capable, 3-wire SPI.
The AD9680 is available in a Pb-free, 64-lead LFCSP and is
specified over the −40°C to +85°C industrial temperature range.
This product is protected by a U.S. patent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com