Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 64 Page - Analog Devices

Part # AD9680
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 64 Page - Analog Devices

Back Button AD9680 Datasheet HTML 60Page - Analog Devices AD9680 Datasheet HTML 61Page - Analog Devices AD9680 Datasheet HTML 62Page - Analog Devices AD9680 Datasheet HTML 63Page - Analog Devices AD9680 Datasheet HTML 64Page - Analog Devices AD9680 Datasheet HTML 65Page - Analog Devices AD9680 Datasheet HTML 66Page - Analog Devices AD9680 Datasheet HTML 67Page - Analog Devices AD9680 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 97 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
AD9680
Data Sheet
Rev. C | Page 64 of 97
DIGITAL OUTPUTS
INTRODUCTION TO THE JESD204B INTERFACE
The AD9680 digital outputs are designed to the JEDEC standard
JESD204B, serial interface for data converters. JESD204B is a
protocol to link the AD9680 to a digital processing device over
a serial interface with lane rates of up to 12.5 Gbps. The benefits
of the JESD204B interface over LVDS include a reduction in
required board area for data interface routing, and an ability to
enable smaller packages for converter and logic devices.
JESD204B OVERVIEW
The JESD204B data transmit block assembles the parallel data
from the ADC into frames and uses 8-bit/10-bit encoding as
well as optional scrambling to form serial output data. Lane
synchronization is supported through the use of special control
characters during the initial establishment of the link. Additional
control characters are embedded in the data stream to maintain
synchronization thereafter. A JESD204B receiver is required to
complete the serial link. For additional details on the JESD204B
interface, refer to the JESD204B standard.
The AD9680 JESD204B data transmit block maps up to two
physical ADCs or up to eight virtual converters (when DDCs
are enabled) over a link. A link can be configured to use one,
two, or four JESD204B lanes. The JESD204B specification refers
to a number of parameters to define the link, and these parameters
must match between the JESD204B transmitter (the AD9680
output) and the JESD204B receiver (the logic device input).
The JESD204B link is described according to the following
parameters:
•
L is the number of lanes/converter device (lanes/link)
(AD9680 value = 1, 2, or 4)
•
M is the number of converters/converter device (virtual
converters/link) (AD9680 value = 1, 2, 4, or 8)
•
F is the octets/frame (AD9680 value = 1, 2, 4, 8, or 16)
•
N΄ is the number of bits per sample (JESD204B word size)
(AD9680 value = 8 or 16)
•
N is the converter resolution (AD9680 value = 7 to 16)
•
CS is the number of control bits/sample
(AD9680 value = 0, 1, 2, or 3)
•
K is the number of frames per multiframe
(AD9680 value = 4, 8, 12, 16, 20, 24, 28, or 32 )
•
S is the samples transmitted/single converter/frame cycle
(AD9680 value = set automatically based on L, M, F, and N΄)
•
HD is the high density mode (AD9680 = set automatically
based on L, M, F, and N΄)
•
CF is the number of control words/frame clock cycle/
converter device (AD9680 value = 0)
Figure 155 shows a simplified block diagram of the AD9680
JESD204B link. By default, the AD9680 is configured to use
two converters and four lanes. Converter A data is output to
SERDOUT0± and/or SERDOUT1±, and Converter B is output
to SERDOUT2± and/or SERDOUT3±. The AD9680 allows
other configurations such as combining the outputs of both
converters onto a single lane, or changing the mapping of the
A and B digital output paths. These modes are set up via a quick
configuration register in the SPI register map, along with
additional customizable options.
By default in the AD9680, the 14-bit converter word from each
converter is broken into two octets (eight bits of data). Bit 13
(MSB) through Bit 6 are in the first octet. The second octet
contains Bit 5 through Bit 0 (LSB) and two tail bits. The tail bits
can be configured as zeros or a pseudorandom number
sequence. The tail bits can also be replaced with control bits
indicating overrange, SYSREF±, or fast detect output.
The two resulting octets can be scrambled. Scrambling is
optional; however, it is recommended to avoid spectral peaks
when transmitting similar digital data patterns. The scrambler
uses a self-synchronizing, polynomial-based algorithm defined
by the equation 1 + x14 + x15. The descrambler in the receiver is
a self-synchronizing version of the scrambler polynomial.
The two octets are then encoded with an 8-bit/10-bit encoder.
The 8-bit/10-bit encoder works by taking eight bits of data (an
octet) and encoding them into a 10-bit symbol. Figure 156
shows how the 14-bit data is taken from the ADC, how the tail
bits are added, how the two octets are scrambled, and how the
octets are encoded into two 10-bit symbols. Figure 156 illustrates
the default data format.
ADC
A
ADC
B
SYSREF±
SYNCINB±
CONVERTER A
INPUT
CONVERTER B
INPUT
CONVERTER 0
CONVERTER 1
SERDOUT0–,
SERDOUT0+
SERDOUT1–,
SERDOUT1+
SERDOUT2–,
SERDOUT2+
SERDOUT3–,
SERDOUT3+
LANE MUX
AND MAPPING
(SPI
REG 0x5B0,
REG 0x5B2,
REG 0x5B3,
REG 0x5B5,
REG 0x5B6)
JESD204B LINK
CONTROL
(L.M.F)
(SPI REG 0x570)
MUX/
FORMAT
(SPI
REG 0x561,
REG 0x564)
Figure 155. Transmit Link Simplified Block Diagram Showing Full Bandwidth Mode (Register 0x200 = 0x00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com