Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 68 Page - Analog Devices

Part # AD9680
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 68 Page - Analog Devices

Back Button AD9680 Datasheet HTML 64Page - Analog Devices AD9680 Datasheet HTML 65Page - Analog Devices AD9680 Datasheet HTML 66Page - Analog Devices AD9680 Datasheet HTML 67Page - Analog Devices AD9680 Datasheet HTML 68Page - Analog Devices AD9680 Datasheet HTML 69Page - Analog Devices AD9680 Datasheet HTML 70Page - Analog Devices AD9680 Datasheet HTML 71Page - Analog Devices AD9680 Datasheet HTML 72Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 97 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
AD9680
Data Sheet
Rev. C | Page 68 of 97
400
–400
–300
–200
–100
0
100
200
300
–100
–80
–60
–40
–20
0
20
40
60
80
TIME (ps)
Tx EYE
MASK
Figure 161. Digital Outputs Data Eye, External 100 Ω Terminations
at 10 Gbps
12000
10000
8000
6000
4000
2000
0
–4
–2
0
2
4
6
TIME (ps)
Figure 162. Digital Outputs Histogram, External 100 Ω Terminations
at 10 Gbps
1
1–2
1–4
1–6
1–8
1–10
1–12
1–16
1–14
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
UI
Figure 163. Digital Outputs Bathtub Curve, External 100 Ω Terminations
at 10 Gbps
400
–400
–300
–200
–100
0
100
200
300
–150
–100
–50
0
50
100
150
TIME (ps)
Tx EYE
MASK
Figure 164. Digital Outputs Data Eye, External 100 Ω Terminations
at 6 Gbps
8000
6000
4000
2000
7000
4000
3000
1000
0
–4
–3
–2
–1
0
1
3
2
4
TIME (ps)
Figure 165. Digital Outputs Histogram, External 100 Ω Terminations
at 6 Gbps
1
1–2
1–4
1–6
1–8
1–10
1–12
1–16
1–14
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
UI
Figure 166. Digital Outputs Bathtub Curve, External 100 Ω Terminations
at 6 Gbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com