Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 61 Page - Analog Devices

Part # AD9680
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 61 Page - Analog Devices

Back Button AD9680 Datasheet HTML 57Page - Analog Devices AD9680 Datasheet HTML 58Page - Analog Devices AD9680 Datasheet HTML 59Page - Analog Devices AD9680 Datasheet HTML 60Page - Analog Devices AD9680 Datasheet HTML 61Page - Analog Devices AD9680 Datasheet HTML 62Page - Analog Devices AD9680 Datasheet HTML 63Page - Analog Devices AD9680 Datasheet HTML 64Page - Analog Devices AD9680 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 97 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
AD9680
Rev. C | Page 61 of 97
DDC EXAMPLE CONFIGURATIONS
Table 23 describes the register settings for multiple DDC example configurations.
Table 23. DDC Example Configurations
Chip
Application
Layer
Chip
Decimation
Ratio
DDC
Input
Type
DDC
Output
Type
Bandwidth
per DDC1
No. of Virtual
Converters
Required
Register Settings2
One DDC
2
Complex
Complex
38.5% × fS
2
Register 0x200 = 0x01 (one DDC; I/Q selected)
Register 0x201 = 0x01 (chip decimate by 2)
Register 0x310 = 0x83 (complex mixer; 0 dB gain; variable IF;
complex outputs; HB1 filter)
Register 0x311 = 0x04 (DDC I input = ADC Channel A;
DDC Q input = ADC Channel B)
Register 0x314, Register 0x315, Register 0x320, Register 0x321 =
FTW and POW set as required by application for DDC 0
Two DDCs
4
Complex
Complex
19.25% × fS
4
Register 0x200 = 0x02 (two DDCs; I/Q selected)
Register 0x201 = 0x02 (chip decimate by 4)
Register 0x310, Register 0x330 = 0x80 (complex mixer; 0 dB
gain; variable IF; complex outputs; HB2 + HB1 filters)
Register 0x311, Register 0x331 = 0x04 (DDC I input =
ADC Channel A; DDC Q input = ADC Channel B)
Register 0x314, Register 0x315, Register 0x320, Register 0x321 =
FTW and POW set as required by application for DDC 0
Register 0x334, Register 0x335, Register 0x340, Register 0x341 =
FTW and POW set as required by application for DDC 1
Two DDCs
4
Complex
Real
9.63% × fS
2
Register 0x200 = 0x22 (two DDCs; I only selected)
Register 0x201 = 0x02 (chip decimate by 4)
Register 0x310, Register 0x330 = 0x89 (complex mixer; 0 dB
gain; variable IF; real output; HB3 + HB2 + HB1 filters)
Register 0x311, Register 0x331 = 0x04 (DDC I Input = ADC
Channel A; DDC Q Input = ADC Channel B)
Register 0x314, Register 0x315, Register 0x320, Register 0x321 =
FTW and POW set as required by application for DDC 0
Register 0x334, Register 0x335, Register 0x340, Register 0x341 =
FTW and POW set as required by application for DDC 1
Two DDCs
4
Real
Real
9.63% × fS
2
Register 0x200 = 0x22 (two DDCs; I only selected)
Register 0x201 = 0x02 (chip decimate by 4)
Register 0x310, Register 0x330 = 0x49 (real mixer; 6 dB gain;
variable IF; real output; HB3 + HB2 + HB1 filters)
Register 0x311 = 0x00 (DDC 0 I input = ADC Channel A;
DDC 0 Q input = ADC Channel A)
Register 0x331 = 0x05 (DDC 1 I input = ADC Channel B;
DDC 1 Q input = ADC Channel B)
Register 0x314, Register 0x315, Register 0x320, Register 0x321 =
FTW and POW set as required by application for DDC 0
Register 0x334, Register 0x335, Register 0x340, Register 0x341 =
FTW and POW set as required by application for DDC 1
Two DDCs
4
Real
Complex
19.25% × fS
4
Register 0x200 = 0x02 (two DDCs; I/Q selected)
Register 0x201 = 0x02 (chip decimate by 4)
Register 0x310, Register 0x330 = 0x40 (real mixer; 6 dB gain;
variable IF; complex output; HB2 + HB1 filters)
Register 0x311 = 0x00 (DDC 0 I input = ADC Channel A;
DDC 0 Q input = ADC Channel A)
Register 0x331 = 0x05 (DDC 1 I input = ADC Channel B;
DDC 1 Q input = ADC Channel B)
Register 0x314, Register 0x315, Register 0x320, Register 0x321 =
FTW and POW set as required by application for DDC 0
Register 0x334, Register 0x335, Register 0x340, Register 0x341 =
FTW and POW set as required by application for DDC 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com