Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 25 Page - Analog Devices

Part # AD9680
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9680 Datasheet HTML 21Page - Analog Devices AD9680 Datasheet HTML 22Page - Analog Devices AD9680 Datasheet HTML 23Page - Analog Devices AD9680 Datasheet HTML 24Page - Analog Devices AD9680 Datasheet HTML 25Page - Analog Devices AD9680 Datasheet HTML 26Page - Analog Devices AD9680 Datasheet HTML 27Page - Analog Devices AD9680 Datasheet HTML 28Page - Analog Devices AD9680 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 97 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
AD9680
Rev. C | Page 25 of 97
FREQUENCY (MHz)
–120
–100
–80
–60
–40
–20
0
0
82
164
246
328
410
AIN = –1dBFS
SNR = 62.0dBFS
ENOB = 9.9 BITS
SFDR = 76dBFS
BUFFER CONTROL 1 = 6.5×
Figure 61. Single-Tone FFT with fIN = 1205.3 MHz
FREQUENCY (MHz)
–120
–100
–80
–60
–40
–20
0
0
82
164
246
328
410
AIN = –1dBFS
SNR = 60.5dBFS
ENOB = 9.5 BITS
SFDR = 68dBFS
BUFFER CONTROL 1 = 7.5×
Figure 62. Single-Tone FFT with fIN = 1720.3 MHz
FREQUENCY (MHz)
–120
–100
–80
–60
–40
–20
0
0
82
164
246
328
410
AIN = –1dBFS
SNR = 59.7dBFS
ENOB = 9.5 BITS
SFDR = 69dBFS
BUFFER CONTROL 1 = 8.5×
Figure 63. Single-Tone FFT with fIN = 1950.3 MHz
SAMPLE RATE (MHz)
50
55
60
65
70
75
80
85
90
500
550
600
650
700
750
800
850
900
SNR
SFDR
Figure 64. SNR/SFDR vs. fS, fIN = 170.3 MHz;
Buffer Control 1 (0x018) = 3.0×
ANALOG INPUT FREQUENCY (MHz)
50
55
60
65
70
75
80
85
90
95
SFDR (3.0×)
SNR (3.0×)
Figure 65. SNR/SFDR vs. fIN; fIN < 450 MHz;
Buffer Control 1 (0x018) = 3.0×
ANALOG INPUT FREQUENCY (MHz)
50
55
60
65
70
75
80
85
450.3
480.3
510.3
515.3
610.3
766.3
810.3
985.3
SFDR (6.5×)
SNR (6.5×)
Figure 66. SNR/SFDR vs. fIN; 450 MHz < fIN < 1 GHz;
Buffer Control 1 (0x018) = 6.5×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com