Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 90 Page - Analog Devices

Part # AD9680
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 90 Page - Analog Devices

Back Button AD9680 Datasheet HTML 86Page - Analog Devices AD9680 Datasheet HTML 87Page - Analog Devices AD9680 Datasheet HTML 88Page - Analog Devices AD9680 Datasheet HTML 89Page - Analog Devices AD9680 Datasheet HTML 90Page - Analog Devices AD9680 Datasheet HTML 91Page - Analog Devices AD9680 Datasheet HTML 92Page - Analog Devices AD9680 Datasheet HTML 93Page - Analog Devices AD9680 Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 97 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
AD9680
Data Sheet
Rev. C | Page 90 of 97
Reg
Addr
(Hex)
Register
Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
Default
Notes
0x355
DDC2
frequency
MSB
X
X
X
X
DDC 2 NCO frequency value, Bits[11:8]
twos complement
0x00
0x360
DDC 2 phase
LSB
DDC 2 NCO phase value, Bits[7:0]
twos complement
0x00
0x361
DDC 2 phase
MSB
X
X
X
X
DDC 2 NCO phase value, Bits[11:8]
twos complement
0x00
0x367
DDC 2
output test
mode
selection
0
0
0
0
0
Q output
test mode
enable
0 = disabled
1 = enabled
from Ch B
0
I output
test mode
enable
0 =
disabled
1 =
enabled
from Ch A
0x00
Refer to
the DDC
section
0x370
DDC 3
control
Mixer
select
0 = real
mixer
1 =
complex
mixer
Gain
select
0 = 0 db
gain
1 = 6 db
gain
IF mode
00 = variable IF mode
(mixers and NCO
enabled)
01 = 0 Hz IF mode(mixer
bypassed, NCO disabled)
10 = fADC/4 Hz IF mode
(fADC/4 downmixing
mode)
11 = test mode (mixer
inputs forced to +fS,
NCO enabled)
Complex
to real
enable
0 =
disabled
1 =
enabled
0
Decimation rate select
(complex to real
disabled)
11 = decimate by 2
00 = decimate by 4
01 = decimate by 8
10 = decimate by 16
(complex to real
enabled)
11 = decimate by 1
00 = decimate by 2
01 = decimate by 4
10 = decimate by 8
0x00
0x371
DDC 3 input
selection
0
0
0
0
0
Q input
select
0 = Ch A
1 = Ch B
0
I input
select
0 = Ch A
1 = Ch B
0x05
Refer to
the DDC
section
0x374
DDC 3
frequency
LSB
DDC 3 NCO frequency value, Bits[7:0]
twos complement
0x00
0x375
DDC 3
frequency
MSB
X
X
X
X
DDC 3 NCO frequency value, Bits[11:8]
twos complement
0x00
0x380
DDC3 phase
LSB
DDC 3 NCO phase value, Bits[7:0]
twos complement
0x00
0x381
DDC 3 phase
MSB
X
X
X
X
DDC 3 NCO phase value, Bits[11:8]
twos complement
0x00
0x387
DDC 3
output test
mode
selection
0
0
0
0
0
0
0
I output
test mode
enable
0 =
disabled
1 =
enabled
from Ch A
0x00
Refer to
the DDC
section
Digital Outputs and Test Modes
0x550
ADC test
modes
(local)
User
pattern
selection
0 = conti-
nuous
repeat
1 = single
pattern
0
Reset PN
long gen
0 = long
PN enable
1 = long
PN reset
Reset PN
short gen
0 = short
PN enable
1 = short
PN reset
Test mode selection
0000 = off, normal operation
0001 = midscale short
0010 = positive full scale
0011 = negative full scale
0100 = alternating checker board
0101 = PN sequence, long
0110 = PN sequence, short
0111 = 1/0 word toggle
1000 = the user pattern test mode (used with
Register 0x0550, Bit 7 and User Pattern 1 to
User Pattern 4 registers)
1111 = ramp output
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com