Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9680
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9680 Datasheet HTML 13Page - Analog Devices AD9680 Datasheet HTML 14Page - Analog Devices AD9680 Datasheet HTML 15Page - Analog Devices AD9680 Datasheet HTML 16Page - Analog Devices AD9680 Datasheet HTML 17Page - Analog Devices AD9680 Datasheet HTML 18Page - Analog Devices AD9680 Datasheet HTML 19Page - Analog Devices AD9680 Datasheet HTML 20Page - Analog Devices AD9680 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 97 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
AD9680
Rev. C | Page 17 of 97
INPUT FREQUENCY (MHz)
50
55
60
65
70
75
80
SNR 8.5×
SFDR 8.5×
1252.3
1356.3
1460.3
1564.3
1668.3
177.23
1876.3
1980.3
Figure 18. SNR/SFDR vs. fIN; 1.3 GHz < fIN < 2GHz;
Buffer Control 1 (0x018) = 8.5×
–120
–100
–80
–60
–40
–20
0
FREQUENCY (MHz)
AIN1 AND AIN2 = –7dBFS
SFDR = 82dBFS
IMD2 = 84dBFS
IMD3 = 82dBFS
BUFFER CURRENT = 3.5×
0
78.125
156.250 234.375 312.500 390.625 468.750 546.875 625.000
Figure 19. Two-Tone FFT; fIN1 = 184 MHz, fIN2 = 187 MHz
–120
–100
–80
–60
–40
–20
0
FREQUENCY (MHz)
AIN1 AND AIN2 = –7dBFS
SFDR = 78dBFS
IMD2 = 78dBFS
IMD3 = 78dBFS
BUFFER CURRENT = 5.5×
0
78.125
156.250 234.375 312.500 390.625 468.750 546.875 625.000
Figure 20. Two-Tone FFT; fIN1 = 449 MHz, fIN2 = 452 MHz
–84
–90
–78 –72 –66 –60 –54 –48 –42 –36 –30 –24 –18 –12 –6
0
INPUT AMPLITUDE (dBFS)
–120
0
–20
–40
–60
–80
–100
IMD3 (dBc)
IMD3 (dBFS)
SFDR (dBFS)
SFDR (dBc)
Figure 21. Two-Tone SFDR/IMD3 vs. Input Amplitude (AIN) with
fIN1 = 184 MHz and fIN2 = 187 MHz
–84
–90
–78 –72 –66 –60 –54 –48 –42 –36 –30 –24 –18 –12 –6
0
INPUT AMPLITUDE (dBFS)
–140
–120
0
–20
–40
–60
–80
–100
IMD3 (dBc)
IMD3 (dBFS)
SFDR (dBFS)
SFDR (dBc)
Figure 22. Two-Tone IMD3/SFDR vs. Input Amplitude (AIN) with
fIN1 = 449 MHz and fIN2 = 452 MHz
–84
–90
–78 –72 –66 –60 –54 –48 –42 –36 –30 –24 –18 –12 –6
0
INPUT AMPLITUDE (dBFS)
–40
–20
0
20
40
60
80
100
120
SNR (dBFS)
SNR (dBc)
SFDR (dBc)
SFDR (dBFS)
Figure 23. SNR/SFDR vs. Analog Input Level, fIN = 170.3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com