Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 44 Page - Analog Devices

Part # AD9680
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9680 Datasheet HTML 40Page - Analog Devices AD9680 Datasheet HTML 41Page - Analog Devices AD9680 Datasheet HTML 42Page - Analog Devices AD9680 Datasheet HTML 43Page - Analog Devices AD9680 Datasheet HTML 44Page - Analog Devices AD9680 Datasheet HTML 45Page - Analog Devices AD9680 Datasheet HTML 46Page - Analog Devices AD9680 Datasheet HTML 47Page - Analog Devices AD9680 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 97 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
AD9680
Data Sheet
Rev. C | Page 44 of 97
ADC OVERRANGE AND FAST DETECT
In receiver applications, it is desirable to have a mechanism to
reliably determine when the converter is about to be clipped.
The standard overrange bit in the JESD204B outputs provides
information on the state of the analog input that is of limited
usefulness. Therefore, it is helpful to have a programmable
threshold below full scale that allows time to reduce the gain
before the clip actually occurs. In addition, because input
signals can have significant slew rates, the latency of this
function is of major concern. Highly pipelined converters can
have significant latency. The AD9680 contains fast detect
circuitry for individual channels to monitor the threshold and
assert the FD_A and FD_B pins.
ADC OVERRANGE
The ADC overrange indicator is asserted when an overrange is
detected on the input of the ADC. The overrange indicator can
be embedded within the JESD204B link as a control bit (when
CSB > 0). The latency of this overrange indicator matches the
sample latency.
The AD9680 also records any overrange condition in any of the
eight virtual converters. For more information on the virtual
converters, refer to Figure 146. The overrange status of each virtual
converter is registered as a sticky bit in Register 0x563. The
contents of Register 0x563 can be cleared using Register 0x562,
by toggling the bits corresponding to the virtual converter to set
and reset position.
FAST THRESHOLD DETECTION (FD_A AND FD_B)
The FD bit is immediately set whenever the absolute value of
the input signal exceeds the programmable upper threshold
level. The FD bit is only cleared when the absolute value of the
input signal drops below the lower threshold level for greater
than the programmable dwell time. This feature provides
hysteresis and prevents the FD bit from excessively toggling.
The operation of the upper threshold and lower threshold
registers, along with the dwell time registers, is shown in
Figure 141.
The FD indicator is asserted if the input magnitude exceeds the
value programmed in the fast detect upper threshold registers,
located at Register 0x247 and Register 0x248. The selected
threshold register is compared with the signal magnitude at the
output of the ADC. The fast upper threshold detection has a
latency of 28 clock cycles (maximum). The approximate upper
threshold magnitude is defined by
Upper Threshold Magnitude (dBFS)
= 20 log (Threshold Magnitude/213)
The FD indicators are not cleared until the signal drops below
the lower threshold for the programmed dwell time. The lower
threshold is programmed in the fast detect lower threshold
registers, located at Register 0x249 and Register 0x24A. The fast
detect lower threshold register is a 13-bit register that is compared
with the signal magnitude at the output of the ADC. This
comparison is subject to the ADC pipeline latency, but is
accurate in terms of converter resolution. The lower threshold
magnitude is defined by
Lower Threshold Magnitude (dBFS)
= 20 log (Threshold Magnitude/213)
For example, to set an upper threshold of −6 dBFS, write 0xFFF
to Register 0x247 and Register 0x248. To set a lower threshold
of −10 dBFS, write 0xA1D to Register 0x249 and Register 0x24A.
The dwell time can be programmed from 1 to 65,535 sample
clock cycles by placing the desired value in the fast detect dwell
time registers, located at Register 0x24B and Register 0x24C.
See the Memory Map section (Register 0x040, and Register 0x245
to Register 0x24C in Table 36) for more details.
UPPER THRESHOLD
LOWER THRESHOLD
FD_A OR FD_B
DWELL TIME
TIMER RESET BY
RISE ABOVE
LOWER
THRESHOLD
TIMER COMPLETES BEFORE
SIGNAL RISES ABOVE
LOWER THRESHOLD
DWELL TIME
Figure 141. Threshold Settings for FD_A and FD_B Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com