Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9680
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9680 Datasheet HTML 45Page - Analog Devices AD9680 Datasheet HTML 46Page - Analog Devices AD9680 Datasheet HTML 47Page - Analog Devices AD9680 Datasheet HTML 48Page - Analog Devices AD9680 Datasheet HTML 49Page - Analog Devices AD9680 Datasheet HTML 50Page - Analog Devices AD9680 Datasheet HTML 51Page - Analog Devices AD9680 Datasheet HTML 52Page - Analog Devices AD9680 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 97 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
AD9680
Rev. C | Page 49 of 97
NCO
+
MIXER
(OPTIONAL)
DDC 3
SYSREF±
REAL/I
REAL/Q
REAL/I
CONVERTER 6
Q CONVERTER 7
I
Q
NCO
+
MIXER
(OPTIONAL)
DDC 0
SYSREF±
REAL/I
REAL/Q
REAL/I
CONVERTER 0
Q CONVERTER 1
I
Q
NCO
+
MIXER
(OPTIONAL)
DDC 1
SYSREF±
REAL/I
REAL/Q
REAL/I
CONVERTER 2
Q CONVERTER 3
I
Q
NCO
+
MIXER
(OPTIONAL)
DDC 2
SYSREF±
REAL/I
REAL/Q
REAL/I
CONVERTER 4
Q CONVERTER 5
I
Q
ADC
SAMPLING
AT
fS
REAL/I
ADC
SAMPLING
AT
fS
REAL/I
SYNCHRONIZATION
CONTROL CIRCUITS
SYSREF
Figure 146. DDC Detailed Block Diagram
Figure 147 shows an example usage of one of the four DDC
blocks with a real input signal and four half-band filters (HB4,
HB3, HB2, and HB1). It shows both complex (decimate by 16)
and real (decimate by 8) output options.
When DDCs have different decimation ratios, the chip
decimation ratio (Register 0x201) must be set to the lowest
decimation ratio of all the DDC blocks. In this scenario,
samples of higher decimation ratio DDCs are repeated to match
the chip decimation ratio sample rate. Whenever the NCO
frequency is set or changed, the DDC soft reset must be issued.
If the DDC soft reset is not issued, the output may potentially
show amplitude variations.
Table 11, Table 12, Table 13, Table 14, and Table 15 show the
DDC samples when the chip decimation ratio is set to 1, 2, 4, 8,
or 16, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com