Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9680
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9680 Datasheet HTML 35Page - Analog Devices AD9680 Datasheet HTML 36Page - Analog Devices AD9680 Datasheet HTML 37Page - Analog Devices AD9680 Datasheet HTML 38Page - Analog Devices AD9680 Datasheet HTML 39Page - Analog Devices AD9680 Datasheet HTML 40Page - Analog Devices AD9680 Datasheet HTML 41Page - Analog Devices AD9680 Datasheet HTML 42Page - Analog Devices AD9680 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 97 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
AD9680
Rev. C | Page 39 of 97
Figure 128, Figure 129, and Figure 130 show the SFDR vs.
analog input frequency for various buffer settings for the
AD9680-500. The recommended settings shown in Table 10
were used to take the data while changing the contents of
Register 0x018 only.
30
40
50
60
70
80
90
100
10.3
95.3
150.3
180.3
240.3
301.3
340.7
390.3
450.3
ANALOG INPUT FREQUENCY (MHz)
1.0×
1.5×
2.0×
3.0×
4.5×
Figure 128. Buffer Current Sweeps, AD9680-500 (SFDR vs. IBUFF);
fIN < 500 MHz; Front-End Network Shown in Figure 115 Buffer Control 1
(0x018) = 1.0×, 1.5×, 2.0×, 3.0×, or 4.5×
65
70
75
80
85
90
95
450.3
480.3
510.3
515.3
ANALOG INPUT FREQUENCY (MHz)
610.3
765.3
810.3
985.3
4.0×
5.0×
6.0×
7.0×
8.0×
Figure 129. Buffer Current Sweeps, AD9680-500 (SFDR vs. IBUFF);
450 MHz < fIN < 1000 MHz; Front-End Network Shown in Figure 115
40
45
50
55
60
65
70
75
80
1010.3
1205.3
1410.3
1600.3
1810.3
1950.3
ANALOG INPUT FREQUENCY (MHz)
4.0×
5.0×
6.0×
7.0×
8.0×
Figure 130. Buffer Current Sweeps, AD9680-500 (SFDR vs. IBUFF);
1 GHz < fIN < 2 GHz; Front-End Network Shown in Figure 115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com