Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 43 Page - Analog Devices

Part # AD9680
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9680 Datasheet HTML 39Page - Analog Devices AD9680 Datasheet HTML 40Page - Analog Devices AD9680 Datasheet HTML 41Page - Analog Devices AD9680 Datasheet HTML 42Page - Analog Devices AD9680 Datasheet HTML 43Page - Analog Devices AD9680 Datasheet HTML 44Page - Analog Devices AD9680 Datasheet HTML 45Page - Analog Devices AD9680 Datasheet HTML 46Page - Analog Devices AD9680 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 97 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
AD9680
Rev. C | Page 43 of 97
IF undersampling applications are particularly sensitive to jitter
(see Figure 138).
130
120
110
100
90
80
70
60
50
40
30
10
100
1000
10000
ANALOG INPUT FREQUENCY (MHz)
12.5
fS
25
fS
50
fS
100
fS
200
fS
400
fS
800
fS
Figure 138. Ideal SNR vs. Input Frequency and Jitter
Treat the clock input as an analog signal in cases where aperture
jitter may affect the dynamic range of the AD9680. Separate
power supplies for clock drivers from the ADC output driver
supplies to avoid modulating the clock signal with digital noise.
If the clock is generated from another type of source (by gating,
dividing, or other methods), retime the clock by the original clock
at the last step. Refer to the AN-501 Application Note and the
AN-756 Application Note for more in-depth information about
jitter performance as it relates to ADCs.
Figure 139 shows the estimated SNR of the AD9680-1000 across
input frequency for different clock induced jitter values. The
SNR can be estimated by using the following equation:
+
=


 −
 −
10
10
10
10
10log
(dBFS)
JITTER
ADC
SNR
SNR
SNR
INPUT FREQUENCY (MHz)
45
50
55
60
65
70
10
100
1K
10K
25fs
50fs
75fs
100fs
125fs
150fs
175fs
200fs
Figure 139. Estimated SNR Degradation for the AD9680-1000 vs.
Input Frequency and RMS Jitter
Power-Down/Standby Mode
The AD9680 has a PDWN/STBY pin that can be used to
configure the device in power-down or standby mode. The
default operation is PDWN. The PDWN/STBY pin is a logic
high pin. When in power-down mode, the JESD204B link is
disrupted. The power-down option can also be set via
Register 0x03F and Register 0x040.
In standby mode, the JESD204B link is not disrupted and
transmits zeros for all converter samples. This can be changed
using Register 0x571, Bit 7 to select /K/ characters.
Temperature Diode
The AD9680 contains a diode-based temperature sensor for
measuring the temperature of the die. This diode can output a
voltage and serve as a coarse temperature sensor to monitor the
internal die temperature.
The temperature diode voltage can be output to the FD_A pin
using the SPI. Use Register 0x028, Bit 0 to enable or disable the
diode. Register 0x028 is a local register. Channel A must be
selected in the device index register (0x008) to enable the
temperature diode readout. Configure the FD_A pin to output
the diode voltage by programming Register 0x040[2:0]. See
Table 36 for more information.
The voltage response of the temperature diode (SPIVDD =
1.8 V) is shown in Figure 140.
TEMPERATURE (°C)
0.60
0.65
0.70
0.75
0.80
0.85
0.90
–55 –45 –35 –25 –15 –5
5
15 25 35 45 55 65 75 85 95 105 115 125
Figure 140. Temperature Diode Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com