Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 56 Page - Analog Devices

Part # AD9680
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9680 Datasheet HTML 52Page - Analog Devices AD9680 Datasheet HTML 53Page - Analog Devices AD9680 Datasheet HTML 54Page - Analog Devices AD9680 Datasheet HTML 55Page - Analog Devices AD9680 Datasheet HTML 56Page - Analog Devices AD9680 Datasheet HTML 57Page - Analog Devices AD9680 Datasheet HTML 58Page - Analog Devices AD9680 Datasheet HTML 59Page - Analog Devices AD9680 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 97 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
AD9680
Data Sheet
Rev. C | Page 56 of 97
For example, if the ADC sampling frequency (fS) is 1250 MSPS
and the carrier frequency (fC) is 416.667 MHz,
MHz
1365
1250
1250
,
667
.
416
(
2
_
12
=
=
Mod
round
FTW
NCO
This, in turn, converts to 0x555 in the 12-bit twos complement
representation for NCO_FTW. The actual carrier frequency can
be calculated based on the following equation:
MHz
56
.
416
2
_
12
=
×
=
−
S
C
f
FTW
NCO
actual
f
A 12-bit POW is available for each NCO to create a known phase
relationship between multiple AD9680 chips or individual DDC
channels inside one AD9680.
The following procedure must be followed to update the FTW
and/or POW registers to ensure proper operation of the NCO:
•
Write to the FTW registers for all the DDCs.
•
Write to the POW registers for all the DDCs.
•
Synchronize the NCOs either through the DDC soft reset
bit accessible through the SPI, or through the assertion of
the SYSREF± pin.
Note that the NCOs must be synchronized either through SPI
or through the SYSREF± pin after all writes to the FTW or POW
registers have completed. This synchronization is necessary to
ensure the proper operation of the NCO.
NCO Synchronization
Each NCO contains a separate phase accumulator word (PAW)
that determines the instantaneous phase of the NCO. The initial
reset value of each PAW is determined by the POW described
in the Setting Up the NCO FTW and POW section. The phase
increment value of each PAW is determined by the FTW.
Two methods can be used to synchronize multiple PAWs within
the chip:
•
Using the SPI. The DDC NCO soft reset bit in the DDC
synchronization control register (Register 0x300, Bit 4)
can be used to reset all the PAWs in the chip. This is
accomplished by toggling the DDC NCO soft reset bit.
This method can only be used to synchronize DDC
channels within the same AD9680 chip.
•
Using the SYSREF± pin. When the SYSREF± pin is enabled
in the SYSREF± control registers (Register 0x120 and
Register 0x121), and the DDC synchronization is enabled
in Bits[1:0] in the DDC synchronization control register
(Register 0x300), any subsequent SYSREF± event resets all
the PAWs in the chip. This method can be used to synchronize
DDC channels within the same AD9680 chip, or DDC
channels within separate AD9680 chips.
Mixer
The NCO is accompanied by a mixer, whose operation is
similar to an analog quadrature mixer. The mixer performs the
downconversion of input signals (real or complex) by using the
NCO frequency as a local oscillator. For real input signals, this
mixer performs a real mixer operation (with two multipliers).
For complex input signals, the mixer performs a complex mixer
operation (with four multipliers and two adders). The mixer
adjusts its operation based on the input signal (real or complex)
provided to each individual channel. The selection of real or
complex inputs can be controlled individually for each DDC
block by using Bit 7 of the DDC control register (Register 0x310,
Register 0x330, Register 0x350, and Register 0x370).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com