Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 72 Page - Analog Devices

Part # AD9680
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 72 Page - Analog Devices

Back Button AD9680 Datasheet HTML 68Page - Analog Devices AD9680 Datasheet HTML 69Page - Analog Devices AD9680 Datasheet HTML 70Page - Analog Devices AD9680 Datasheet HTML 71Page - Analog Devices AD9680 Datasheet HTML 72Page - Analog Devices AD9680 Datasheet HTML 73Page - Analog Devices AD9680 Datasheet HTML 74Page - Analog Devices AD9680 Datasheet HTML 75Page - Analog Devices AD9680 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 97 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
AD9680
Data Sheet
Rev. C | Page 72 of 97
Table 27. JESD204B Output Configurations for N΄ = 8
Number of Virtual
Converters Supported
(Same Value as M)
JESD204B Quick
Configuration
(0x570)
Serial Line Rate1
JESD204B Transport Layer Settings2
L
M
F
S
HD
N
N΄
CS
K3
1
0x00
10 × fOUT
1
1
1
1
0
7 to 8
8
0 to 1
Only valid K
values which
are divisible
by 4 are
supported
0x01
10 × fOUT
1
1
2
2
0
7 to 8
8
0 to 1
0x40
5 × fOUT
2
1
1
2
0
7 to 8
8
0 to 1
0x41
5 × fOUT
2
1
2
4
0
7 to 8
8
0 to 1
0x42
5 × fOUT
2
1
4
8
0
7 to 8
8
0 to 1
0x80
2.5 × fOUT
4
1
1
4
0
7 to 8
8
0 to 1
0x81
2.5 × fOUT
4
1
2
8
0
7 to 8
8
0 to 1
2
0x09
20 × fOUT
1
2
2
1
0
7 to 8
8
0 to 1
0x48
10 × fOUT
2
2
1
1
0
7 to 8
8
0 to 1
0x49
10 × fOUT
2
2
2
2
0
7 to 8
8
0 to 1
0x88
5 × fOUT
4
2
1
2
0
7 to 8
8
0 to 1
0x89
5 × fOUT
4
2
2
4
0
7 to 8
8
0 to 1
0x8A
5 × fOUT
4
2
4
8
0
7 to 8
8
0 to 1
1
fOUT = output sample rate = ADC sample rate/chip decimation ratio. The JESD204B serial line rate must be ≥3125 Mbps and ≤12,500 Mbps; when the serial line rate is
≤12.5 Gbps and ≥6.25 Gbps, the low line rate mode must be disabled (set Bit 4 to 0x0 in Register 0x56E). When the serial line rate is <6.25 Gbps and ≥3.125 Gbps, the
low line rate mode must be enabled (set Bit 4 to 0x1 in Register 0x56E).
2
JESD204B transport layer descriptions are as described in the JESD204B Overview section.
3
For F = 1, K = 20, 24, 28, and 32. For F = 2, K = 12, 16, 20, 24, 28, and 32. For F = 4, K = 8, 12, 16, 20, 24, 28, and 32. For F = 8 and F = 16, K = 4, 8, 12, 16, 20, 24, 28, and 32.
See the Example 1: Full Bandwidth Mode section and the
Example 2: ADC with DDC Option (Two ADCs Plus Four
DDCs) section for two examples describing which JESD204B
transport layer settings are valid for a given chip mode.
Example 1: Full Bandwidth Mode
Chip application mode = full bandwidth mode (see Figure 169).
•
Two 14-bit converters at 1000 MSPS
•
Full bandwidth application layer mode
•
No decimation
JESD204B output configuration is as follows:
•
Two virtual converters required (see Table 26)
•
Output sample rate (fOUT) = 1000/1 = 1000 MSPS
JESD204B supported output configurations (see Table 26)
include:
•
N΄ = 16 bits
•
N = 14 bits
•
L = 4, M = 2, and F = 1, or L = 4, M = 2, and F = 2 (quick
configuration = 0x88 or 0x89)
•
CS = 0 to 2
•
K = 32
•
Output serial line rate = 10 Gbps per lane, low line rate
mode disabled
JESD204B
TRANSMIT
INTERFACE
FAST
DETECTION
FAST
DETECTION
CMOS
CMOS
CONVERTER 0
CONVERTER 1
14-BIT
AT
1Gbps
REAL/I
14-BIT
AT
1Gbps
REAL/Q
L
JESD204B
LANES
AT UP TO
12.5Gbps
Figure 169. Full Bandwidth Mode
Example 2: ADC with DDC Option (Two ADCs Plus Four
DDCs)
Chip application mode = four-DDC mode. (see Figure 170).
•
Two 14-bit converters at 1 GSPS
•
Four DDC application layer mode with complex outputs
(I/Q)
•
Chip decimation ratio = 16
•
DDC decimation ratio = 16 (see Table 15).
JESD204B output configuration is as follows:
•
Virtual converters required = 8 (see Table 26)
•
Output sample rate (fOUT) = 1000/16 = 62.5 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com