Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 57 Page - Analog Devices

Part # AD9680
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 57 Page - Analog Devices

Back Button AD9680 Datasheet HTML 53Page - Analog Devices AD9680 Datasheet HTML 54Page - Analog Devices AD9680 Datasheet HTML 55Page - Analog Devices AD9680 Datasheet HTML 56Page - Analog Devices AD9680 Datasheet HTML 57Page - Analog Devices AD9680 Datasheet HTML 58Page - Analog Devices AD9680 Datasheet HTML 59Page - Analog Devices AD9680 Datasheet HTML 60Page - Analog Devices AD9680 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 97 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
AD9680
Rev. C | Page 57 of 97
FIR FILTERS
FIR FILTERS GENERAL DESCRIPTION
There are four sets of decimate-by-2, low-pass, half-band, finite
impulse response (FIR) filters (HB1 FIR, HB2 FIR, HB3 FIR,
and HB4 FIR, shown in Figure 146). These filters follow the
frequency translation stage. After the carrier of interest is tuned
down to dc (carrier frequency = 0 Hz), these filters efficiently lower
the sample rate while providing sufficient alias rejection from
unwanted adjacent carriers around the bandwidth of interest.
HB1 FIR is always enabled and cannot be bypassed. The HB2,
HB3, and HB4 FIR filters are optional and can be bypassed for
higher output sample rates.
Table 17 shows the different bandwidth options by including
different half-band filters. In all cases, the DDC filtering stage of
the AD9680 provides less than −0.001 dB of pass-band ripple
and >100 dB of stop-band alias rejection.
Table 18 shows the amount of stop-band alias rejection for
multiple pass-band ripple/cutoff points. The decimation ratio
of the filtering stage of each DDC can be controlled individually
through Bits[1:0] of the DDC control registers (0x310, 0x330,
0x350, and 0x370).
Table 17. DDC Filter Characteristics
ADC
Sample
Rate
(MSPS)
Half Band
Filter
Selection
Real Output
Complex (I/Q) Output
Alias
Protected
Bandwidth
(MHz)
Ideal SNR
Improvement
(dB)1
Pass-
Band
Ripple
(dB)
Alias
Rejection
(dB)
Decimation
Ratio
Output
Sample
Rate
(MSPS)
Decimation
Ratio
Output
Sample
Rate
(MSPS)
1250
HB1
1
1250
2
625 (I) +
625 (Q)
481.25
1
<−0.001
>100
HB1 + HB2
2
625
4
312.5 (I) +
312.5 (Q)
240.62
4
HB1 + HB2 +
HB3
4
312.5
8
156.25 (I) +
156.25 (Q)
120.31
7
HB1 + HB2 +
HB3 + HB4
8
156.25
16
78.125 (I) +
78.125 (Q)
60.15
10
1000
HB1
1
1000
2
500 (I) +
500 (Q)
385.0
1
HB1 + HB2
2
500
4
250 (I) +
250 (Q)
192.5
4
HB1 + HB2 +
HB3
4
250
8
125 (I) +
125 (Q)
96.3
7
HB1 + HB2 +
HB3 + HB4
8
125
16
62.5 (I) +
62.5 (Q)
48.1
10
820
HB1
1
820
2
410 (I) +
410 (Q)
315.7
1
HB1 + HB2
2
410
4
205 (I) +
205 (Q)
157.8
4
HB1 + HB2 +
HB3
4
205
8
102.5 (I) +
102.5 (Q)
78.9
7
HB1 + HB2 +
HB3 + HB4
8
102.5
16
51.25 (I) +
51.25 (Q)
39.4
10
500
HB1
1
500
2
250 (I) +
250 (Q)
192.5
1
HB1 + HB2
2
250
4
125 (I) +
125 (Q)
96.3
4
HB1 + HB2 +
HB3
4
125
8
62.5 (I) +
62.5 (Q)
48.1
7
HB1 + HB2 +
HB3 + HB4
8
62.5
16
31.25 (I) +
31.25 (Q)
24.1
10
1
Ideal SNR improvement due to oversampling and filtering = 10log(bandwidth/(fS/2)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com