Electronic Components Datasheet Search
  English  ▼

X  

AD9680 Datasheet(PDF) 97 Page - Analog Devices

Part # AD9680
Description  Dual, 14-Bit, 1.25 GSPS, 1.2 V/2.5 V, Analog-to-Digital Converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9680 Datasheet(HTML) 97 Page - Analog Devices

Back Button AD9680 Datasheet HTML 89Page - Analog Devices AD9680 Datasheet HTML 90Page - Analog Devices AD9680 Datasheet HTML 91Page - Analog Devices AD9680 Datasheet HTML 92Page - Analog Devices AD9680 Datasheet HTML 93Page - Analog Devices AD9680 Datasheet HTML 94Page - Analog Devices AD9680 Datasheet HTML 95Page - Analog Devices AD9680 Datasheet HTML 96Page - Analog Devices AD9680 Datasheet HTML 97Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 97 / 97 page
background image
Product
Overview
Online
Documentation
Design
Resources
Discussion
Sample
& Buy
Data Sheet
AD9680
Rev. C | Page 97 of 97
OUTLINE DIMENSIONS
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
EXPOSED
PAD
PIN 1
INDICATOR
7.70
7.60 SQ
7.50
0.45
0.40
0.35
SEATING
PLANE
0.80
0.75
0.70
0.05 MAX
0.02 NOM
0.203 REF
COPLANARITY
0.08
0.30
0.25
0.18
9.10
9.00 SQ
8.90
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.20 MIN
7.50 REF
COMPLIANT TO JEDEC STANDARDS MO-220-WMMD
1
64
16
17
49
48
32
33
Figure 176. 64-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
9 mm × 9 mm Body, Very Thin Quad
(CP-64-15)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description2
Package Option
AD9680BCPZ-1250
−40°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-64-15
AD9680BCPZ-1000
−40°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-64-15
AD9680BCPZ-820
−40°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-64-15
AD9680BCPZ-500
−40°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-64-15
AD9680BCPZRL7-1250
−40°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-64-15
AD9680BCPZRL7-1000
−40°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-64-15
AD9680BCPZRL7-820
−40°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-64-15
AD9680BCPZRL7-500
−40°C to +85°C
64-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-64-15
AD9680-1250EBZ
Evaluation Board for AD9680-1250
AD9680-1000EBZ
Evaluation Board for AD9680-1000
AD9680-LF1000EBZ
Evaluation Board for AD9680-1000 with 1 GHz Bandwidth
AD9680-820EBZ
Evaluation Board for AD9680-820
AD9680-LF820EBZ
Evaluation Board for AD9680-820 with 1 GHz Bandwidth
AD9680-500EBZ
Evaluation Board for AD9680-500
AD9680-LF500EBZ
Evaluation Board for AD9680-500 with 1 GHz Bandwidth
1
Z = RoHS Compliant Part.
2
The AD9680-1250EBZ, AD9680-1000EBZ, AD9680-820EBA, and AD9680-500EBZ evaluation boards are optimized for full analog input frequency range of 2 GHz.
©2014–2015 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D11752-0-11/15(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com