Electronic Components Datasheet Search
  English  ▼

X  

PSOC Datasheet(PDF) 105 Page - Cypress Semiconductor

Part # PSOC
Description  8-Bit Programmable System-on-Chip (PSoC?? Microcontrollers
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC Datasheet(HTML) 105 Page - Cypress Semiconductor

Back Button PSOC Datasheet HTML 101Page - Cypress Semiconductor PSOC Datasheet HTML 102Page - Cypress Semiconductor PSOC Datasheet HTML 103Page - Cypress Semiconductor PSOC Datasheet HTML 104Page - Cypress Semiconductor PSOC Datasheet HTML 105Page - Cypress Semiconductor PSOC Datasheet HTML 106Page - Cypress Semiconductor PSOC Datasheet HTML 107Page - Cypress Semiconductor PSOC Datasheet HTML 108Page - Cypress Semiconductor PSOC Datasheet HTML 109Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 148 page
background image
Analog PSoC Blocks
September 5, 2002
Document #: 38-12010 CY Rev. ** CMS Rev. 3.20
105
Analog Modulator Control Register (AMD_CR, Address = Bank 1, 63h)
10.15 Analog PSoC Block Functionality
The analog PSoC blocks can be used to implement a
wide range of functions, limited only by the designer’s
imagination. The following functions operate within the
capability of the analog PSoC blocks using one analog
PSoC block, multiple analog blocks, a combination of
more than one type of analog block, or a combination of
analog and digital PSoC blocks. Most of these functions
are currently available as User Modules in PSoC
Designer. Others will be added in the future.
Delta-Sigma A/D Converters
Successive Approximation A/D Converters
Incremental A/D Converters
Programmable Gain/Loss Stage
Analog Comparators
Zero-Crossing Detectors
Low-Pass Filter
Band-Pass Filter
Notch Filter
Amplitude Modulators
Amplitude Demodulators
Sine-Wave Generators
Sine-Wave Detectors
Sideband Detection
Sideband Stripping
Audio Output Drive
DTMF Generator
FSK Modulator
By modifying registers, as described in this Data Sheet,
users can configure PSoC blocks to perform these func-
tions and more.
Table 81:
Analog Modulator Control Register
Bit #
7
6
5
4
3
2
1
0
POR
0
0
0
0
0
0
0
0
Read/
Write
RW
RW
RW
RW
RW
RW
RW
RW
Bit Name
Reserved
Reserved
Reserved
Reserved
AMOD2[1] AMOD2[0] AMOD0[1] AMOD0[0]
Bit 7
: Reserved
Bit 6
: Reserved
Bit 5
: Reserved
Bit 4
: Reserved
Bit [3:2]
: AMOD2[1], AMOD2[0] Selects the modulation signal for Analog Column 2
0 0 = No Modulation
0 1 = Global Output [0]
1 0 = Global Output [4]
1 1 = Digital Basic Type A Block 03
Bit [1:0]
: AMOD0[1], AMOD0[0] Selects the modulation signal for Analog Column 0
0 0 = No Modulation
0 1 = Global Output [0]
1 0 = Global Output [4]
1 1 = Digital Basic Type A Block 03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com