Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 36Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 37Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 38Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 39Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 40Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 41Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 42Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 43Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 44Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
40
Test Conditions
The following timing information is valid across the full range of recommended operating conditions, unless otherwise noted.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
SLIMDAT Output
SLIMDAT time for data
output valid (wrt SLIMCLK
rising edge)
CLOAD = 15pF,
VDBVDD1 = 1.62V
TDV
6.7
8.6
ns
CLOAD = 35pF,
VDBVDD1 = 1.62V
9.8
12.5
SLIMDAT slew rate
(20% to 80%)
CLOAD = 15pF
SRDATA
0.54 x
VDBVDD1
V/ns
CLOAD = 35pF
0.34 x
VDBVDD1
Other Parameters
Driver disable time
TDD
6
ns
Bus holder output impedance
0.1 x VDBVDD1 < V <
0.9 x VDBVDD1
RDATAS
18
50
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com