Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 99 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 99 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 95Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 96Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 97Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 98Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 99Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 100Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 101Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 102Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 103Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
99
The EQ, LHPF and DRC functions can be enabled in any signal path within the digital core. The
sample rate for these functions is configured using the FX_RATE register. Note that the EQ, DRC and
LHPF functions must all be configured for the same sample rate.
The DSP functions can be enabled in any signal path within the digital core. The applicable sample
rates are configured using the DSP1_RATE register.
The tone generators and noise generator can be selected as input to any of the digital mixers or signal
processing functions. The sample rates for these sources are configured using the TONE_RATE and
NOISE_GEN_RATE registers respectively.
The haptic signal generator can be used to control an external vibe actuator, which can be driven
directly by the Class D speaker output. The sample rate for the haptic signal generator is configured
using the HAP_RATE register.
The PWM signal generators can be modulated by an audio source, derived from the associated signal
mixers. The sample rate (cycle time) for the PWM signal generators is configured using the
PWM_RATE register.
The sample rate control registers are described in Table 21. Refer to the register descriptions for
details of the valid selections in each case. Note that the input (ADC) and output (DAC) signal paths
must always be associated with the SYSCLK clocking domain and are therefore synchronous to each
other.
The control registers associated with the ASRC and ISRCs are described in Table 22 and Table 23
respectively within the following sections.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R32
(0020h)
Tone
Generator
1
14:11
TONE_RATE
[3:0]
0000
Tone Generator Sample Rate
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
1000 = ASYNC_SAMPLE_RATE_1
1001 = ASYNC_SAMPLE_RATE_2
All other codes are Reserved.
The selected sample rate is valid in the
range 8kHz to 192kHz.
R48
(0030h)
PWM
Drive 1
14:11
PWM_RATE [3:0]
0000
PWM Frequency (sample rate)
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
1000 = ASYNC_SAMPLE_RATE_1
1001 = ASYNC_SAMPLE_RATE_2
All other codes are Reserved.
The selected sample rate is valid in the
range 4kHz to 192kHz.
R112
0070h)
Comfort
Noise
Generator
14:11
NOISE_GEN_RA
TE [3:0]
0000
Noise Generator Sample Rate
0000 = SAMPLE_RATE_1
0001 = SAMPLE_RATE_2
0010 = SAMPLE_RATE_3
1000 = ASYNC_SAMPLE_RATE_1
1001 = ASYNC_SAMPLE_RATE_2
All other codes are Reserved.
The selected sample rate is valid in the
range 4kHz to 192kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com