Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 21Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 22Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 23Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 24Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 25Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 26Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 27Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 28Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
25
Test Conditions
DBVDD1 = DBVDD2 = DBVDD3 = LDOVDD = CPVDD = AVDD = 1.8V,
DCVDD = 1.2V (powered from LDO1), MICVDD = 3.0V (powered from LDO2), SPKVDDL = SPKVDDR = 4.2V,
TA = +25ºC, 1kHz sinusoid signal, fs = 48kHz, Input PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MICVDD Charge Pump and Regulator (CP2 and LDO2)
Output voltage
VMICVDD
1.7
2.7
3.3
V
Programmable output voltage step
size
50
mV
Maximum output current
8
mA
Start-up time
4.7µF on MICVDD,
IMICBIASn = 1mA
4.5
ms
Frequency Locked Loop (FLL1, FLL2)
Output frequency
Normal operation,
input reference supplied
13
52
MHz
Free-running mode,
no reference supplied
30
Lock Time
FREF = 32kHz,
FOUT = 24.576MHz
10
ms
FREF = 12MHz,
FOUT = 24.576MHz
1
RESET pin Input
RESET input pulse width
(To trigger a Hardware Reset, the
RESET input must be asserted for
longer than this duration)
1
µs
Test Conditions
The following electrical characteristics are valid across the full range of recommended operating conditions.
Device Reset Thresholds
AVDD Reset Threshold
VAVDD
0.54
0.96
V
DCVDD Reset Threshold
VDCVDD
0.59
0.81
V
DBVDD1 Reset Threshold
VDBVDD1
0.54
0.96
V
Note that the reset thresholds are derived from simulations only, across all operational and process corners.
Device performance is not assured outside the voltage ranges defined in the “Recommended Operating Conditions” section. Refer
to this section for the WM5102 power-up sequencing requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com