Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 62 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 62 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 58Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 59Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 60Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 61Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 62Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 63Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 64Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 65Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 66Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
62
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
28h = AIF2 RX1
29h = AIF2 RX2
30h = AIF3 RX1
31h = AIF3 RX2
38h = SLIMbus RX1
39h = SLIMbus RX2
3Ah = SLIMbus RX3
3Bh = SLIMbus RX4
3Ch = SLIMbus RX5
3Dh = SLIMbus RX6
3Eh = SLIMbus RX7
3Fh = SLIMbus RX8
50h = EQ1
51h = EQ2
52h = EQ3
53h = EQ4
58h = DRC1 Left
59h = DRC1 Right
60h = LHPF1
61h = LHPF2
62h = LHPF3
63h = LHPF4
68h = DSP1 channel 1
69h = DSP1 channel 2
6Ah = DSP1 channel 3
6Bh = DSP1 channel 4
6Ch = DSP1 channel 5
6Dh = DSP1 channel 6
90h = ASRC1 Left
91h = ASRC1 Right
92h = ASRC2 Left
93h = ASRC2 Right
A0h = ISRC1 INT1
A1h = ISRC1 INT2
A4h = ISRC1 DEC1
A5h = ISRC1 DEC2
A8h = ISRC2 INT1
A9h = ISRC2 INT2
ACh = ISRC2 DEC1
ADh = ISRC2 DEC2
Table 7 Digital Core Mixer Control Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com