Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 10Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 11Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 12Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 13Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 14Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 15Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 16Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 17Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
14
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Digital supply range (Core)
See notes 3, 5, 6
DCVDD
(≤24.576MHz clocking)
1.14
1.2
1.9
V
DCVDD
(>24.576MHz clocking)
1.71
1.8
1.9
Digital supply range (I/O)
DBVDD1
1.7
1.9
V
Digital supply range (I/O)
DBVDD2, DBVDD3
1.7
3.47
V
LDO supply range
LDOVDD
1.7
1.8
1.9
V
Charge Pump supply range
CPVDD
1.7
1.8
1.9
V
Speaker supply range
SPKVDDL, SPKVDDR
2.4
5.5
V
Analogue supply range
AVDD
1.7
1.8
1.9
V
Microphone Bias supply
See note 7
MICVDD
2.375
2.5
3.6
V
Ground
DGND, AGND, CPGND,
SPKGNDL, SPKGNDR
0
V
Power supply rise time
See notes 8, 9, 10
All supplies
1
µs
Operating temperature range
TA
-40
85
°C
Notes:
1.
The grounds must always be within 0.3V of AGND.
2.
AVDD must be supplied before or simultaneously to DCVDD. DCVDD must not be powered if AVDD is not present. There are
no other power sequencing requirements.
3.
An internal LDO (powered by LDOVDD) can be used to provide the DCVDD supply.
4.
The RESET
¯¯¯¯¯¯ input must be asserted (logic 0) during power-up, and held asserted until after the AVDD, DBVDD1 and DCVDD
supplies are within the recommended operating limits. If DCVDD is powered from the internal LDO, then the RESET
¯¯¯¯¯¯ pin must
be held asserted until at least 1.5ms after the LDO has been enabled.
5.
‘Sleep’ mode is supported when DCVDD is below the limits noted, provided AVDD and DBVDD1 are present.
6.
Under default conditions, digital core clocking rates above 24.576MHz are inhibited. The register-controlled clocking limit
should only be raised when the applicable DCVDD voltage is present.
7.
An internal Charge Pump and LDO (powered by CPVDD) provide the Microphone Bias supply; the MICVDD pin should not be
connected to an external supply.
8.
DCVDD and MICVDD minimum rise times do not apply when these domains are powered using the internal LDOs.
9.
The specified minimum power supply rise times assume a minimum decoupling capacitance of 100nF per pin. However,
Wolfson strongly advises that the recommended decoupling capacitors are present on the PCB and that appropriate layout
guidelines are observed.
10. The specified minimum power supply rise times also assume a maximum PCB inductance of 10nH between decoupling
capacitor and pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com