Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 6Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 7Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 8Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 9Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 10Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 11Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 12Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 13Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
10
PIN NO
NAME
TYPE
DESCRIPTION
F11
LDOENA
Digital Input
Enable pin for LDO1
D13
LDOVDD
Supply
Supply for LDO1
E12
LDOVOUT
Analogue Output
LDO1 output
H13
MCLK1
Digital Input
Master clock 1
F12
MCLK2
Digital Input
Master clock 2
C12
MICBIAS1
Analogue Output
Microphone bias 1
D12
MICBIAS2
Analogue Output
Microphone bias 2
C13
MICBIAS3
Analogue Output
Microphone bias 3
B13
MICDET1/
HPOUT1FB2
Analogue Input
Microphone & accessory sense input 1/
HPOUT1L and HPOUT1R ground feedback pin 2
E11, F1
MICVDD
Analogue Output
LDO2 output decoupling pin (generated internally by WM5102).
(Can also be used as reference/supply for external
microphones.)
E13
RESET
¯¯¯¯¯¯
Digital Input
Digital Reset input (active low)
H12
SLIMCLK
Digital Input / Output
SLIMbus Clock input / output
H11
SLIMDAT
Digital Input / Output
SLIMbus Data input / output
L10
SPKCLK
Digital Output
Digital speaker (PDM) clock output
K8
SPKDAT
Digital Output
Digital speaker (PDM) data output
J1, J2
SPKGNDL
Supply
Left speaker driver ground (Return path for SPKVDDL)
K1, K2
SPKGNDR
Supply
Right speaker driver ground (Return path for SPKVDDR)
H2
SPKOUTLN
Analogue Output
Left speaker negative output
H1
SPKOUTLP
Analogue Output
Left speaker positive output
L2
SPKOUTRN
Analogue Output
Right speaker negative output
L1
SPKOUTRP
Analogue Output
Right speaker positive output
G1, G2
SPKVDDL
Supply
Left speaker driver supply
M1, M2
SPKVDDR
Supply
Right speaker driver supply
L9
TCK
Digital Input
JTAG clock input.
Internal pull-down holds this pin at logic 0 for normal operation.
M11
TDI
Digital Input
JTAG data input.
Internal pull-down holds this pin at logic 0 for normal operation.
K6
TDO
Digital Output
JTAG data output
K7
TMS
Digital Input
JTAG mode select input.
Internal pull-down holds this pin at logic 0 for normal operation.
M12
TRST
Digital Input
JTAG Test Access Port reset (active low).
Internal pull-down holds this pin at logic 0 for normal operation.
D11
VREFC
Analogue Output
Bandgap reference decoupling capacitor connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com