Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 12Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 13Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 14Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 15Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 16Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 17Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 18Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 19Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
16
Test Conditions
The following electrical characteristics are valid across the full range of recommended operating conditions.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Line / Headphone / Earpiece Output Driver (HPOUTnL, HPOUTnR)
Load resistance
Normal Mode
15
Ω
Mono Mode (BTL)
30
Device survival with load
applied indefinitely
0.1
Load capacitance
Direct connection,
Normal Mode
400
pF
Direct connection,
Mono Mode (BTL)
200
Connection via 16Ω
series resistor
2
nF
DC offset at Load
Single-ended mode
0.1
mV
Differential (BTL) mode
0.2
Earpiece Output Driver (EPOUTP+EPOUTN)
Load resistance
Normal operation
15
Ω
Device survival with load
applied indefinitely
0.1
Load capacitance
Direct connection (BTL)
200
pF
Connection via 16Ω
series resistor
2
nF
DC offset at Load
0.2
mV
Speaker Output Driver (SPKOUTLP+SPKOUTLN, SPKOUTRP+SPKOUTRN)
Load resistance
3
Ω
Load capacitance
200
pF
DC offset at Load
5
mV
SPKVDD leakage current
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com