Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 48 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 48 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 44Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 45Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 46Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 47Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 48Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 49Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 50Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 51Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 52Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
48
INPUT SIGNAL PATH ENABLE
The input signal paths are enabled using the register bits described in Table 2. The respective bit(s)
must be enabled for analogue or digital input on the respective input path(s).
The input signal paths are muted by default. It is recommended that de-selecting the mute should be
the final step of the path enable control sequence. Similarly, the mute should be selected as the first
step of the path disable control sequence. The input signal path mute functions are controlled using
the register bits described in Table 4.
The MICVDD power domain must be enabled when using the analogue input signal path(s). This
power domain is provided using an internal Charge Pump (CP2) and LDO Regulator (LDO2). See
“Charge Pumps, Regulators and Voltage Reference” for details of these circuits.
The system clock, SYSCLK, must be configured and enabled before any audio path is enabled. The
ASYNCCLK and 32kHz clock may also be required, depending on the path configuration. See
“Clocking and Sample Rates” for details of the system clocks.
The WM5102 performs automatic checks to confirm that the SYSCLK frequency is high enough to
support the input signal paths and associated ADCs. If an attempt is made to enable an input signal
path, and there are insufficient SYSCLK cycles to support it, then the attempt will be unsuccessful.
(Note that any signal paths that are already active will not be affected under these circumstances.)
The Underclocked Error condition can be monitored using the GPIO and/or Interrupt functions. See
“General Purpose Input / Output” and “Interrupts” for further details.
The status bits in Register R769 indicate the status of each of the input signal paths. If an
Underclocked Error condition occurs, then these bits provide readback of which input signal path(s)
have been successfully enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R768
(0300h)
Input
Enables
5
IN3L_ENA
0
Input Path 3 (Left) Enable
0 = Disabled
1 = Enabled
4
IN3R_ENA
0
Input Path 3 (Right) Enable
0 = Disabled
1 = Enabled
3
IN2L_ENA
0
Input Path 2 (Left) Enable
0 = Disabled
1 = Enabled
2
IN2R_ENA
0
Input Path 2 (Right) Enable
0 = Disabled
1 = Enabled
1
IN1L_ENA
0
Input Path 1 (Left) Enable
0 = Disabled
1 = Enabled
0
IN1R_ENA
0
Input Path 1 (Right) Enable
0 = Disabled
1 = Enabled
R769
(0301h)
Input
Enables
Status
5
IN3L_ENA_STS
0
Input Path 3 (Left) Enable Status
0 = Disabled
1 = Enabled
4
IN3R_ENA_STS
0
Input Path 3 (Right) Enable Status
0 = Disabled
1 = Enabled
3
IN2L_ENA_STS
0
Input Path 2 (Left) Enable Status
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com