Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 74 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 74 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 70Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 71Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 72Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 73Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 74Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 75Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 76Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 77Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 78Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
74
DRC1LMIX_VOL2
DRC1LMIX_VOL3
DRC1LMIX_VOL4
+
DRC1LMIX_VOL1
DRC1LMIX_SRC1
DRC1LMIX_SRC3
DRC1LMIX_SRC4
DRC1LMIX_SRC2
DRC1 Left (58h)
DRC
Dynamic Range Controller
DRC1RMIX_VOL2
DRC1RMIX_VOL3
DRC1RMIX_VOL4
+
DRC1RMIX_VOL1
DRC1RMIX_SRC1
DRC1RMIX_SRC3
DRC1RMIX_SRC4
DRC1RMIX_SRC2
DRC1 Right (59h)
DRC
Dynamic Range Controller
Figure 30 Dynamic Range Control (DRC) Block
The DRC1 mixer control registers (see Figure 30) are located at register addresses R2240 (8C0h)
through to R2255 (08CFh).
The full list of digital mixer control registers is provided in the “Register Map” section (Register R1600
through to R2920). Generic register definitions are provided in Table 7.
The *_SRCn registers select the input source(s) for the respective DRC processing blocks. Note that
the selected input source(s) must be configured for the same sample rate as the DRC to which they
are connected. Sample rate conversion functions are available to support flexible interconnectivity -
see “Asynchronous Sample Rate Converter (ASRC)” and “Isochronous Sample Rate Converter
(ISRC)”.
The bracketed numbers in Figure 30, eg. “(58h)” indicate the corresponding *_SRCn register setting
for selection of that signal as an input to another digital core function.
The sample rate for the DRC function is configured using the FX_RATE register - see Table 21. Note
that the EQ, DRC and LHPF functions must all be configured for the same sample rate.
The DRC function supports audio sample rates in the range 8kHz to 96kHz. Higher sample rates (up
to 192kHz) may be selected using FX_RATE, provided that the DRC function is disabled.
Sample rate conversion is required when routing the DRC signal paths to any signal chain that is
asynchronous and/or configured for a different sample rate.
The DRC functions are enabled using the control registers described in Table 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com