Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 64 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 64 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 60Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 61Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 62Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 63Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 64Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 65Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 66Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 67Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 68Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
64
DIGITAL CORE OUTPUT MIXERS
The digital core comprises multiple output paths. The output paths associated with AIF1, AIF2 and
AIF3 are illustrated in Figure 25. The output paths associated with OUT1, OUT2, OUT3, OUT4 and
OUT5 are illustrated in Figure 26. The output paths associated with the SLIMbus interface are
illustrated in Figure 27.
A 4-input mixer is associated with each output. The 4 input sources are selectable in each case, and
independent volume control is provided for each path.
The AIF1, AIF2 and AIF3 output mixer control registers (see Figure 25) are located at register
addresses R1792 (700h) through to R1935 (78Fh). The OUT1, OUT2, OUT3, OUT4 and OUT5 output
mixer control registers (see Figure 26) are located at addresses R1664 (680h) through to R1743
(06CFh). The SLIMbus output mixer control registers (see Figure 27) are located at addresses R1984
(7C0h) through to R2047 (7FFh).
The full list of digital mixer control registers is provided in the “Register Map” section (Register R1600
through to R2920). Generic register definitions are provided in Table 7.
The *_SRCn registers select the input source(s) for the respective mixers. Note that the selected input
source(s) must be configured for the same sample rate as the mixer to which they are connected.
Sample rate conversion functions are available to support flexible interconnectivity - see
“Asynchronous Sample Rate Converter (ASRC)” and “Isochronous Sample Rate Converter (ISRC)”.
The sample rate for the output signal paths is configured using the applicable OUT_RATE,
AIFn_RATE or SLIMTXn_RATE register - see Table 21. Note that sample rate conversion is required
when routing the output signal paths to any signal chain that is asynchronous and/or configured for a
different sample rate.
The WM5102 performs automatic checks to confirm that the SYSCLK frequency is high enough to
support the output mixer paths. If an attempt is made to enable an output mixer path, and there are
insufficient SYSCLK cycles to support it, then the attempt will be unsuccessful. (Note that any signal
paths that are already active will not be affected under these circumstances.)
The Underclocked Error condition can be monitored using the GPIO and/or Interrupt functions. See
“General Purpose Input / Output” and “Interrupts” for further details.
The status bits in Registers R1600 to R2920 indicate the status of each of the digital mixers. If an
Underclocked Error condition occurs, then these bits provide readback of which mixer(s) have been
successfully enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com