Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 79 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 79 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 75Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 76Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 77Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 78Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 79Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 80Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 81Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 82Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 83Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
79
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10:9
DRC1_SIG_DET
_PK [1:0]
00
DRC1 Signal Detect Peak
Threshold.
This is the Peak/RMS ratio, or Crest
Factor, level for signal detect to be
indicated when
DRC1_SIG_DET_MODE=0.
00 = 12dB
01 = 18dB
10 = 24dB
11 = 30dB
8
DRC1_NG_ENA
0
DRC1 Noise Gate Enable
0 = Disabled
1 = Enabled
7
DRC1_SIG_DET
_MODE
0
DRC1 Signal Detect Mode
0 = Peak threshold mode
1 = RMS threshold mode
6
DRC1_SIG_DET
0
DRC1 Signal Detect Enable
0 = Disabled
1 = Enabled
5
DRC1_KNEE2_
OP_ENA
0
DRC1 KNEE2_OP Enable
0 = Disabled
1 = Enabled
4
DRC1_QR
1
DRC1 Quick-release Enable
0 = Disabled
1 = Enabled
3
DRC1_ANTICLI
P
1
DRC1 Anti-clip Enable
0 = Disabled
1 = Enabled
2
DRC1_WSEQ_S
IG_DET_ENA
0
DRC1 Signal Detect Write
Sequencer Select
0 = Disabled
1 = Enabled
R3713
(0E81h)
DRC1 ctrl2
12:9
DRC1_ATK [3:0]
0100
DRC1 Gain attack rate
(seconds/6dB)
0000 = Reserved
0001 = 181us
0010 = 363us
0011 = 726us
0100 = 1.45ms
0101 = 2.9ms
0110 = 5.8ms
0111 = 11.6ms
1000 = 23.2ms
1001 = 46.4ms
1010 = 92.8ms
1011 = 185.6ms
1100 to 1111 = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com