Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 92 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 92 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 88Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 89Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 90Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 91Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 92Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 93Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 94Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 95Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 96Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
92
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R144
(0090h)
Haptics
Control 1
4
ONESHOT_TRIG
0
Haptic One-Shot Trigger
Writing ‘1’ starts the one-shot profile (ie.
Phase 1, Phase 2, Phase 3)
3:2
HAP_CTRL [1:0]
00
Haptic Signal Generator Control
00 = Disabled
01 = Continuous
10 = One-Shot
11 = Reserved
1
HAP_ACT
0
Haptic Actuator Select
0 = Eccentric Rotating Mass (ERM)
1 = Linear Resonant Actuator (LRA)
R145
(0091h)
Haptics
Control 2
14:0
LRA_FREQ [14:0]
7FFFh
Haptic Resonant Frequency
Selects the haptic signal frequency (LRA
actuator only, HAP_ACT = 1)
Haptic Frequency (Hz) =
System Clock / (2 x (LRA_FREQ+1))
where System Clock = 6.144MHz or
5.6448MHz, derived by division from
SYSCLK or ASYNCCLK.
If HAP_RATE<1000, then SYSCLK is the
clock source, and the applicable System
Clock frequency is determined by
SYSCLK.
If HAP_RATE>=1000, then ASYNCCLK is
the clock source, and the applicable
System Clock frequency is determined by
ASYNCCLK.
Valid for Haptic Frequency in the range
100Hz to 250Hz
For 6.144MHz System Clock:
77FFh = 100Hz
4491h = 175Hz
2FFFh = 250Hz
For 5.6448MHz System Clock:
6E3Fh = 100Hz
3EFFh = 175Hz
2C18h = 250Hz
R146
(0092h)
Haptics
phase 1
intensity
7:0
PHASE1_INTEN
SITY [7:0]
00h
Haptic Output Level (Phase 1)
Selects the signal intensity of Phase 1 in
one-shot mode.
Coded as 2’s complement.
Range is +/- Full Scale (FS).
For ERM actuator, this selects the DC
signal level for the haptic output.
For LRA actuator, this selects the AC peak
amplitude; Negative values correspond to
a 180 degree phase shift.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com