Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 94 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 94 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 90Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 91Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 92Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 93Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 94Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 95Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 96Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 97Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 98Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
94
PWM GENERATOR
The WM5102 incorporates two Pulse Width Modulation (PWM) signal generators as illustrated in
Figure 37. The duty cycle of each PWM signal can be modulated by an audio source, or can be set to
a fixed value using a control register setting.
A 4-input mixer is associated with each PWM generator. The 4 input sources are selectable in each
case, and independent volume control is provided for each path.
The PWM signal generators can be output directly on a GPIO pin. See “General Purpose Input /
Output” to configure a GPIO pin for this function.
Note that the PWM signal generators cannot be selected as input to the digital mixers or signal
processing functions within the WM5102 digital core.
Figure 37 Digital Core Pulse Width Modulation (PWM) Generator
The PWM1 and PWM2 mixer control registers (see Figure 37) are located at register addresses
R1600 (640h) through to R1615 (64Fh).
The full list of digital mixer control registers is provided in the “Register Map” section (Register R1600
through to R2920). Generic register definitions are provided in Table 7.
The *_SRCn registers select the input source(s) for the respective mixers. Note that the selected input
source(s) must be configured for the same sample rate as the mixer to which they are connected.
Sample rate conversion functions are available to support flexible interconnectivity - see
“Asynchronous Sample Rate Converter (ASRC)” and “Isochronous Sample Rate Converter (ISRC)”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com