Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 91 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 91 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 87Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 88Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 89Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 90Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 91Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 92Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 93Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 94Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 95Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
91
HAPTIC SIGNAL GENERATOR
The WM5102 incorporates a signal generator for use with haptic devices (eg. mechanical vibration
actuators). The haptic signal generator is compatible with both Eccentric Rotating Mass (ERM) and
Linear Resonant Actuator (LRA) haptic devices.
The haptic signal generator is highly configurable, and includes the capability to execute a
programmable event profile comprising three distinct operating phases.
The resonant frequency of the haptic signal output (for LRA devices) is selectable, providing support
for many different actuator components.
The haptic signal generator is a digital signal generator which is incorporated within the digital core of
the WM5102. The haptic signal may be routed, via one of the digital core output mixers, to a Class D
speaker output for connection to the external haptic device, as illustrated in Figure 36. (Note that the
digital PDM output paths may also be used for haptic signal output.)
Figure 36 Digital Core Haptic Signal Generator
The bracketed number (06h) in Figure 36 indicates the corresponding *_SRCn register setting for
selection of the haptic signal generator as an input to another digital core function.
The haptic signal generator is selected as input to one of the digital core output mixers by setting the
*_SRCn register of the applicable output mixer to (06h).
The sample rate for the haptic signal generator is configured using the HAP_RATE register - see
Table 21. Note that sample rate conversion is required when routing the haptic signal generator output
to any signal chain that is asynchronous and/or configured for a different sample rate.
The haptic signal generator is configured for an ERM or LRA actuator using the HAP_ACT register bit.
The required resonant frequency is configured using the LRA_FREQ field. (Note that the resonant
frequency is only applicable to LRA actuators.)
The signal generator can be enabled in Continuous mode or configured for One-Shot mode using the
HAP_CTRL register, as described in Table 19. In One-Shot mode, the output is triggered by writing to
the ONESHOT_TRIG bit.
In One-Shot mode, the signal generator profile comprises the distinct phases (1, 2, 3). The duration
and intensity of each output phase is programmable.
In Continuous mode, the signal intensity is controlled using the PHASE2_INTENSITY field only.
In the case of an ERM actuator (HAP_ACT = 0), the haptic output is a DC signal level, which may be
positive or negative, as selected by the *_INTENSITY registers.
For an LRA actuator (HAP_ACT = 1), the haptic output is an AC signal; selecting a negative signal
level corresponds to a 180 degree phase inversion. In some applications, phase inversion may be
desirable during the final phase, to halt the physical motion of the haptic device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com