Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 72 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 72 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 68Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 69Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 70Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 71Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 72Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 73Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 74Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 75Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 76Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
72
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
EQ4_ENA
0
EQ4 Enable
0 = Disabled
1 = Enabled
R3667
(0E53h)
EQ4_2
15:11
EQ4_B4_GAIN
[4:0]
01100
EQ4 Band 4 Gain
-12dB to +12dB in 1dB steps
(see Table 11 for gain range)
10:6
EQ4_B5_GAIN
[4:0]
01100
EQ4 Band 5 Gain
-12dB to +12dB in 1dB steps
(see Table 11 for gain range)
0
EQ4_B1_MODE
0
EQ4 Band 1 Mode
0 = Shelving filter
1 = Peak filter
R3668
(0E54h)
to
R3686
(E66h)
15:0
EQ4_B1_*
EQ4_B2_*
EQ4_B3_*
EQ4_B4_*
EQ4_B5_*
EQ4 Frequency Coefficients
Refer to WISCE evaluation board control
software for the deriviation of these field
values.
Table 10 EQ Enable and Gain Control
EQ GAIN SETTING
GAIN (dB)
00000
-12
00001
-11
00010
-10
00011
-9
00100
-8
00101
-7
00110
-6
00111
-5
01000
-4
01001
-3
01010
-2
01011
-1
01100
0
01101
+1
01110
+2
01111
+3
10000
+4
10001
+5
10010
+6
10011
+7
10100
+8
10101
+9
10110
+10
10111
+11
11000
+12
11001 to 11111
Reserved
Table 11 EQ Gain Control Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com