Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 61 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 61 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 57Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 58Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 59Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 60Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 61Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 62Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 63Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 64Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 65Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
61
incorporate any digital mixing. The respective input source (*_SRCn) registers are identical to those of
the digital mixers.
The *_SRCn registers select the input source(s) for the respective mixer or signal processing block.
Note that the selected input source(s) must be configured for the same sample rate as the block(s) to
which they are connected. Sample rate conversion functions are available to support flexible
interconnectivity - see “Asynchronous Sample Rate Converter (ASRC)” and “Isochronous Sample
Rate Converter (ISRC)”.
A status bit associated with each of the configurable input sources provides readback for the
respective signal path. If an Underclocked Error condition occurs, then these bits provide readback of
which signal path(s) have been successfully enabled.
The generic register definition for the digital mixers is provided in Table 7.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1600
(0640h)
to
R2920
(0B68h)
15
*_STSn
Valid for every
digital core
function input
(digital mixers,
DSP Aux inputs,
ASRC & ISRC
inputs).
0
[Digital Core function] input n status
0 = Disabled
1 = Enabled
7:1
*_VOLn
Valid for every
digital mixer input.
40h
[Digital Code mixer] input n volume
-32dB to +16dB in 1dB steps
00h to 20h = -32dB
21h = -31dB
22h = -30dB
... (1dB steps)
40h = 0dB
... (1dB steps)
50h = +16dB
51h to 7Fh = +16dB
8:0
*_SRCn
Valid for every
digital core
function input
(digital mixers,
DSP Aux inputs,
ASRC & ISRC
inputs).
00h
[Digital Core function] input n source
select
00h = Silence (mute)
04h = Tone generator 1
05h = Tone generator 2
06h = Haptic generator
08h = AEC loopback
0Ch = Mic Mute Mixer
0Dh = Noise generator
10h = IN1L signal path
11h = IN1R signal path
12h = IN2L signal path
13h = IN2R signal path
14h = IN3L signal path
15h = IN3R signal path
20h = AIF1 RX1
21h = AIF1 RX2
22h = AIF1 RX3
23h = AIF1 RX4
24h = AIF1 RX5
25h = AIF1 RX6
26h = AIF1 RX7
27h = AIF1 RX8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com