Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 63 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 63 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 59Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 60Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 61Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 62Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 63Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 64Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 65Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 66Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 67Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 334 page
background image
Production Data
WM5102
w
PD, June 2014, Rev 4.2
63
DIGITAL CORE INPUTS
The digital core comprises multiple input paths as illustrated in Figure 24. Any of these inputs may be
selected as a source to the digital mixers or signal processing functions within the WM5102 digital
core.
Note that the outputs from other blocks within the Digital Core may also be selected as input to the
digital mixers or signal processing functions within the WM5102 digital core. Those input sources,
which are not shown in Figure 24, are described separately in other sections of the “Digital Core”
description.
The bracketed numbers in Figure 24, eg. “(10h)” indicate the corresponding *_SRCn register setting
for selection of that signal as an input to another digital core function.
The sample rate for the input signal paths is configured using the applicable IN_RATE, AIFn_RATE or
SLIMRXn_RATE register - see Table 21. Note that sample rate conversion is required when routing
the input signal paths to any signal chain that is asynchronous and/or configured for a different sample
rate.
Figure 24 Digital Core Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com