Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 76 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 76 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 72Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 73Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 74Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 75Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 76Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 77Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 78Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 79Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 80Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
76
in the response pattern illustrated, resulting in infinitely steep attenuation at this point in the response.
The DRC parameters are listed in Table 13.
REF
PARAMETER
DESCRIPTION
1
DRC1_KNEE_IP
Input level at Knee1 (dB)
2
DRC1_KNEE_OP
Output level at Knee2 (dB)
3
DRC1_HI_COMP
Compression ratio above Knee1
4
DRC1_LO_COMP
Compression ratio below Knee1
5
DRC1_KNEE2_IP
Input level at Knee2 (dB)
6
DRC1_NG_EXP
Expansion ratio below Knee2
7
DRC1_KNEE2_OP
Output level at Knee2 (dB)
Table 13 DRC Response Parameters
The noise gate is enabled when the DRC1_NG_ENA register is set. When the noise gate is not
enabled, parameters 5, 6, 7 above are ignored, and the DRC1_LO_COMP slope applies to all input
signal levels below Knee1.
The DRC1_KNEE2_OP knee is enabled when the DRC1_KNEE2_OP_ENA register is set. When this
bit is not set, then parameter 7 above is ignored, and the Knee2 position always coincides with the low
end of the DRC1_LO_COMP region.
The “Knee1” point in Figure 31 is determined by register fields DRC1_KNEE_IP and
DRC1_KNEE_OP.
Parameter Y0, the output level for a 0dB input, is not specified directly, but can be calculated from the
other parameters, using the equation:
Y0 = DRC1_KNEE_OP - (DRC1_KNEE_IP x DRC1_HI_COMP)
Gain Limits
The minimum and maximum gain applied by the DRC is set by register fields DRC1_MINGAIN,
DRC1_MAXGAIN and DRC1_NG_MINGAIN. These limits can be used to alter the DRC response
from that illustrated in Figure 31. If the range between maximum and minimum gain is reduced, then
the extent of the dynamic range control is reduced.
The minimum gain in the Compression regions of the DRC response is set by DRC1_MINGAIN. The
mimimum gain in the Noise Gate region is set by DRC1_NG_MINGAIN. The minimum gain limit
prevents excessive attenuation of the signal path.
The maximum gain limit set by DRC1_MAXGAIN prevents quiet signals (or silence) from being
excessively amplified.
Dynamic Characteristics
The dynamic behaviour determines how quickly the DRC responds to changing signal levels. Note
that the DRC responds to the average (RMS) signal amplitude over a period of time.
The DRC1_ATK determines how quickly the DRC gain decreases when the signal amplitude is high.
The DRC1_DCY determines how quickly the DRC gain increases when the signal amplitude is low.
These register fields are described in Table 14. Note that the register defaults are suitable for general
purpose microphone use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com