Electronic Components Datasheet Search
  English  ▼

X  

WM5102 Datasheet(PDF) 68 Page - Wolfson Microelectronics plc

Part # WM5102
Description  Audio Hub CODEC with Voice Processor DSP
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM5102 Datasheet(HTML) 68 Page - Wolfson Microelectronics plc

Back Button WM5102 Datasheet HTML 64Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 65Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 66Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 67Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 68Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 69Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 70Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 71Page - Wolfson Microelectronics plc WM5102 Datasheet HTML 72Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 334 page
background image
WM5102
Production Data
w
PD, June 2014, Rev 4.2
68
The MICMIX and NOISEMIX control registers (see Figure 28) are located at register addresses R1632
(0660h) through to R1647 (066Fh).
The full list of digital mixer control registers is provided in the “Register Map” section (Register R1600
through to R2920). Generic register definitions are provided in Table 7.
The Mic Mute mixer can be selected as input to any of the digital mixers or signal processing functions
within the WM5102 digital core. The bracketed number (0Ch) in Figure 28 indicates the corresponding
*_SRCn register setting for selection of the Mic Mute mixer as an input to another digital core function.
The sample rate for the Mic Mute mixer and multiplexer is configured using the MICMUTE_RATE
register - see Table 21. Note that sample rate conversion is required when routing the Mic Mute mixer
to any signal chain that is asynchronous and/or configured for a different sample rate.
The control registers associated with the Mic Mute mixer function are described in Table 8.
The output of the Mic Mute mixer and multiplexer is enabled using MICMUTE_MIX_ENA.
The multiplexer is controlled using the MICMUTE_NOISE_ENA register bit, selecting MICMIX or
NOISEMIX as the output signal source.
Under recommended operating conditions, the MICMIX output is selected for normal (audio)
conditions, and the NOISEMIX output is selected for mute (or ‘comfort noise’) conditions.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R707
(02C3h)
Mic noise
mix control
1
7
MICMUTE_NOIS
E_ENA
0
Mic Mute Mixer Control
0 = Mic Mix
1 = Noise Mix
6
MICMUTE_MIX_E
NA
0
Mic Mute Mixer Enable
0 = Disabled
1 = Enabled
Table 8 Mic Mute Mixer Control Registers
The WM5102 performs automatic checks to confirm that the SYSCLK frequency is high enough to
support the commanded digital mixing functions. If an attempt is made to enable a MICMIX or
NOISEMIX signal path, and there are insufficient SYSCLK cycles to support it, then the attempt will be
unsuccessful. (Note that any signal paths that are already active will not be affected under these
circumstances.)
The Underclocked Error condition can be monitored using the GPIO and/or Interrupt functions. See
“General Purpose Input / Output” and “Interrupts” for further details.
The status bits in Registers R1600 to R2920 indicate the status of each of the digital mixers. If an
Underclocked Error condition occurs, then these bits provide readback of which mixer(s) have been
successfully enabled, and which mixer(s) could not be enabled.
5-BAND PARAMETRIC EQUALISER (EQ)
The digital core provides four EQ processing blocks as illustrated in Figure 29. A 4-input mixer is
associated with each EQ. The 4 input sources are selectable in each case, and independent volume
control is provided for each path. Each EQ block supports 1 output.
The EQ provides selective control of 5 frequency bands as described below.
The low frequency band (Band 1) filter can be configured either as a peak filter or a shelving filter.
When configured as a shelving filter, is provides adjustable gain below the Band 1 cut-off frequency.
As a peak filter, it provides adjustable gain within a defined frequency band that is centred on the
Band 1 frequency.
The mid frequency bands (Band 2, Band 3, Band 4) filters are peak filters, which provide adjustable
gain around the respective centre frequency.
The high frequency band (Band 5) filter is a shelving filter, which provides adjustable gain above the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com